Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP85NF55 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP85NF55
Description  Automotive-grade N-channel 55 V, 6.2 mΩ typ., 80 A, STripFET™ II Power MOSFETs in D²PAK and TO-220 packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP85NF55 Datasheet(HTML) 3 Page - STMicroelectronics

  STP85NF55_V01 Datasheet HTML 1Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 2Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 3Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 4Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 5Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 6Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 7Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 8Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2
Electrical characteristics
TCASE = 25 °C unless otherwise specified
Table 3. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 250 μA
55
V
IDSS
Zero gate voltage drain current
VGS = 0 V, VDS = 55 V
1
µA
VGS = 0 V, VDS= 55 V
TC = 125 °C (1)
10
µA
IGSS
Gate body leakage current
VDS = 0 V, VGS = ±20 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 40 A
6.2
8.0
mΩ
1. Defined by design, not subject to production test.
Table 4. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward transconductance
VDS = 15 V, ID = 40 A
120
S
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0 V
-
3700
pF
Coss
Output capacitance
-
900
pF
Crss
Reverse transfer capacitance
-
310
pF
Qg
Total gate charge
VDD = 30 V, ID = 80 A,
VGS = 0 to 10 V
(see Figure 14. Test circuit for gate
charge behavior)
-
120
150
nC
Qgs
Gate-source charge
-
30
nC
Qgd
Gate-drain charge
-
45
nC
1. Pulsed: pulse duration=300 μs, duty cycle 1.5%
Table 5. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 30 V, ID = 40 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 13. Test circuit for
resistive load switching times and
Figure 18. Switching time
waveform)
-
25
-
ns
tr
Rise time
-
100
-
ns
td(off)
Turn-off delay time
-
70
-
ns
tf
Fall time
-
35
-
ns
STB85NF55T4, STP85NF55
Electrical characteristics
DS2569 - Rev 12
page 3/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com