Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EG80C3EEC0Y Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPC58EG80C3EEC0Y
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EG80C3EEC0Y Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPC58EG80C3EEC0Y Datasheet HTML 9Page - STMicroelectronics SPC58EG80C3EEC0Y Datasheet HTML 10Page - STMicroelectronics SPC58EG80C3EEC0Y Datasheet HTML 11Page - STMicroelectronics SPC58EG80C3EEC0Y Datasheet HTML 12Page - STMicroelectronics SPC58EG80C3EEC0Y Datasheet HTML 13Page - STMicroelectronics SPC58EG80C3EEC0Y Datasheet HTML 14Page - STMicroelectronics SPC58EG80C3EEC0Y Datasheet HTML 15Page - STMicroelectronics SPC58EG80C3EEC0Y Datasheet HTML 16Page - STMicroelectronics SPC58EG80C3EEC0Y Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 139 page
background image
DS11758 Rev 6
13/139
SPC584Gx, SPC58EGx, SPC58NGx
Description
13
•
Body cross triggering unit (BCTU)
–
Triggers ADC conversions from any eMIOS channel
–
Triggers ADC conversions from up to 2 dedicated PIT_RTIs
–
One event configuration register dedicated to each timer event allows to define the
corresponding ADC channel
–
Synchronization with ADC to avoid collision
•
Enhanced analog-to-digital converter system with:
–
Four independent fast 12-bit SAR analog converters
–
One supervisor 12-bit SAR analog converter
–
One 10-bit SAR analog converter with STDBY mode support
•
Ten deserial serial peripheral interface (DSPI) modules
•
Eighteen LIN and UART communication interface (LINFlexD) modules
–
LINFlexD_0 is a master/slave
–
All others are masters
•
Eight modular controller area network (MCAN) modules, all supporting flexible data
rate (CAN-FD)
•
Dual-channel FlexRay controller
•
Two ethernet controllers 10/100 Mbps, compliant IEEE 802.3-2008
–
IEEE 1588-2008 Time stamping (internal 64-bit time stamp)
–
IEEE 802.1AS and IEEE 802.1Qav (AVB-Feature)
–
IEEE 802.1Q VLAN tag detection
–
IPv4 and IPv6 checksum modules
•
Nexus development interface (NDI) per IEEE-ISTO 5001-2003 standard, with some
support for 2010 standard
•
Device and board test support per Joint Test Action Group (JTAG) (IEEE 1149.1)
•
Standby power domain with smart wake-up sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com