Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC58EG80C3EEC0Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # SPC58EG80C3EEC0Y
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EG80C3EEC0Y Datasheet(HTML) 2 Page - STMicroelectronics

  SPC58EG80C3EEC0Y Datasheet HTML 1Page - STMicroelectronics SPC58EG80C3EEC0Y Datasheet HTML 2Page - STMicroelectronics SPC58EG80C3EEC0Y Datasheet HTML 3Page - STMicroelectronics SPC58EG80C3EEC0Y Datasheet HTML 4Page - STMicroelectronics SPC58EG80C3EEC0Y Datasheet HTML 5Page - STMicroelectronics SPC58EG80C3EEC0Y Datasheet HTML 6Page - STMicroelectronics SPC58EG80C3EEC0Y Datasheet HTML 7Page - STMicroelectronics SPC58EG80C3EEC0Y Datasheet HTML 8Page - STMicroelectronics SPC58EG80C3EEC0Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 139 page
background image
SPC584Gx, SPC58EGx and SPC58NGx
2/139
DS11758 Rev 6
– Fast wakeup schemes
• Dual phase-locked loops with stable clock domain for peripherals and FM modulation
domain for computational shell
• Nexus development interface (NDI) per IEEEISTO 5001-2003 standard, with some
support for 2010 standard
• Boot assist Flash (BAF) supports factory programming using a serial bootload through the
asynchronous CAN or LIN/UART
• Junction temperature range -40 °C to 150 °C
Table 1. Device summary
Package
Part number
4 MB
6 MB
Single core
Dual core
Triple core
Single core
Dual core
Triple core
eTQFP144 SPC584G80E5 SPC58EG80E5 SPC58NG80E5 SPC584G84E5 SPC58EG84E5 SPC58NG84E5
eLQFP176 SPC584G80E7 SPC58EG80E7 SPC58NG80E7 SPC584G84E7 SPC58EG84E7 SPC58NG84E7
FPBGA292 SPC584G80C3 SPC58EG80C3 SPC58NG80C3 SPC584G84C3 SPC58EG84C3 SPC58NG84C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com