Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MLP2016WR47M Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # MLP2016WR47M
Description  System Power IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MLP2016WR47M Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button MLP2016WR47M Datasheet HTML 3Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 4Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 5Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 6Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 7Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 8Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 9Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 10Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
TC7738WBG
2016-11-17
7
8. Functional specifications
8.1.
Operation description
TC7738WBG consists with PROTECTION-SW for the input protection, 6 channels of DC-DC and 2 channels of LDO.
When the voltage is applied to the VIN, PROTECTION-SW is turned on, supplied to the output control block, and each
channels start to output. Since it includes I
2
C interface, various settings such as output voltage can be set.
Since using MODE_SEL pin enables setting of RESETn and OVP_1 threshold voltage, both 3.3 V and 5 V system can be
used. Moreover, VSEL0 pin input enables default output voltage setting of each channel.
8.2.
Input protection function (PROTECTION-SW)
TC7738WBG has a built-in low ON resistance MOSFET for ON/OFF control between VIN and VOUT, and protects the IC
from over voltage of input and overcurrent of output.
Figure 8-1
Block diagram of PROTECTION-SW
8.2.1.
Low input voltage detection (UVLO)
If VIN input voltage exceeds UVLO deactive voltage, PROTECTION-SW turns on. If the voltage is lower than UVLO
detection voltage, PROTECTION-SW is turned off and power supply to the internal circuit is stopped.
Table 8.1
PROTECTION-SW UVLO threshold
Deactive/Detection
Threshold
UVLO deactive (rise/fall)
1.9 V (typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com