Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MLP2016WR47M Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # MLP2016WR47M
Description  System Power IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MLP2016WR47M Datasheet(HTML) 1 Page - Toshiba Semiconductor

  MLP2016WR47M Datasheet HTML 1Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 2Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 3Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 4Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 5Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 6Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 7Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 8Page - Toshiba Semiconductor MLP2016WR47M Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
TC7738WBG
©2016 TOSHIBA Corporation
2016-11-17
1
TOSHIBA CMOS Integrated Circuit Silicon Monolithic
TC7738WBG
System Power IC
1. Overview
TC7738WBG is a system power IC which builds in 6 channels of a buck
DC-DC convertor and 2 channels of LDO. The IC operation voltage(3.3 V
or 5 V) can be changed using I
2C interface and pin settings, power
supply can be provided to various systems. In addition, this product
incorporates the PROTECTION-SW for the input protection.
(*Refer to as hereinafter, Channel: CH, DC-DC convertor: DC-DC)
2. Application
SSD (Solid State Drive), portable devices, etc.
3. Features
 Power supply voltage (VIN):2.9 V to 5.5 V
(PVIN1 to 6):2.9 V to 5.5 V
(LDO1_IN): 2.9 V to 5.5 V
 IC operation condition setting when the power supply voltage is set to 3.3 V/5.0 V by MODE_SEL pin.
 6 CH DC-DC convertor + 2 CH LDO
・ CH1: 2.325 V to 2.700 V (25 mV step), 4.0 A (MAX)
・ CH2: 1.175 V to 1.550 V / 1.025 V to 1.400 V (25 mV step), 1.0 A (MAX)
・ CH3: 1.625 V to 2.000 V (25 mV step), 2.0 A(MAX)
・ CH4: 0.825 V to 1.200 V / 1.625 V to 2.000 V (25 mV step), 1.0 A (MAX)
・ CH5: 0.825 V to 1.200 V / 0.725 V to 1.100 V (25 mV step), 1.0 A (MAX)
・ CH6: 0.825 V to 1.200 V / 0.725 V to 1.100 V (25 mV step), 3.5 A (MAX)
・ LDO1: 2.325 V to 2.700 V / 1.625 V to 2.000 V (25 mV step), 0.3 A (MAX)
・ LDO2: 3.125 V to 3.500 V (25 mV step), 0.3 A (MAX)
 Built-in BYPASS-SW: CH1, LDO2
 Built-in LOAD-SW: CH5
 Efficiency control in the case of the light load (PWM/PFM operation)
 Control by I2C interface
 Initial values selection of DC-DC (CH1 to CH6) and LDO1 output by VSEL0 pin
 Built-in input PROTECTION-SW
 Built-in protection functions
・Low input voltage detection circuit (UVLO)
・Input power supply Over Voltage Protection (OVP_1)
・Input power supply Over Current Limitation (OCL_1)
・Input power supply Over Current Protection (OCP)
・Output Over Voltage Protection (OVP_2)
・Output Under Voltage Protection (UVP)
・Output Over Current Limitation (OCL_2)
・Thermal Shutdown protection (TSD)
 Package: S-UFBGA45-0403-0.40-001 (2.91 mm ×3.31 mm, 0.4 mm Pitch)
Package
S-UFBGA45-0403-0.40-001
Weight: 10 mg (Typ.)


Similar Part No. - MLP2016WR47M

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
MLP2012S SII-MLP2012S Datasheet
2Mb / 50P
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
logo
Cornell Dubilier Electr...
MLP201M400EA0A CDE-MLP201M400EA0A Datasheet
454Kb / 5P
85 ?C Flatpack, Ultra-Long Life, Aluminum
MLP201M400EA0A CDE-MLP201M400EA0A Datasheet
446Kb / 6P
Double the ripple capability with a heatsink
MLP201M400EA0A CDE-MLP201M400EA0A Datasheet
495Kb / 6P
Ultra Long Life, Aluminum Electrolytic
MLP201M420EA0A CDE-MLP201M420EA0A Datasheet
454Kb / 5P
85 ?C Flatpack, Ultra-Long Life, Aluminum
More results

Similar Description - MLP2016WR47M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3927 NSC-LP3927 Datasheet
326Kb / 16P
Cellular/PCS System Power Management IC
logo
STMicroelectronics
L9952GXP STMICROELECTRONICS-L9952GXP Datasheet
865Kb / 68P
Power management system IC
08-Jul-2009
logo
Texas Instruments
LM25056 TI1-LM25056 Datasheet
623Kb / 33P
System Power Measurement IC with PMBus?
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
Power management system IC
08-Jul-2009
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
Multi-Power Supply System IC
July, 2013
logo
Texas Instruments
BQ24070 TI1-BQ24070_14 Datasheet
1Mb / 33P
System Power-Path Management IC
LM25056 TI1-LM25056_16 Datasheet
934Kb / 39P
System Power Measurement IC
LM25056A TI1-LM25056A_16 Datasheet
934Kb / 39P
System Power Measurement IC
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
Power Management System IC
2015-6-5
TC7739FTG TOSHIBA-TC7739FTG Datasheet
906Kb / 39P
System power IC
2016-09-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com