Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGIPL14K60-S Datasheet(PDF) 20 Page - STMicroelectronics

Part # STGIPL14K60-S
Description  SLLIMM™ (small low-loss intelligent molded module)IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL14K60-S Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STGIPL14K60-S Datasheet HTML 16Page - STMicroelectronics STGIPL14K60-S Datasheet HTML 17Page - STMicroelectronics STGIPL14K60-S Datasheet HTML 18Page - STMicroelectronics STGIPL14K60-S Datasheet HTML 19Page - STMicroelectronics STGIPL14K60-S Datasheet HTML 20Page - STMicroelectronics STGIPL14K60-S Datasheet HTML 21Page - STMicroelectronics STGIPL14K60-S Datasheet HTML 22Page - STMicroelectronics STGIPL14K60-S Datasheet HTML 23Page - STMicroelectronics STGIPL14K60-S Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Package information
STGIPL14K60, STGIPL14K60-S
20/26
DocID15589 Rev 11
Figure 12. SDIP-38L option A drawing dimensions
8142868_G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com