Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151C6U6ADTR Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32L151C6U6ADTR
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C6U6ADTR Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32L151C6U6ADTR Datasheet HTML 59Page - STMicroelectronics STM32L151C6U6ADTR Datasheet HTML 60Page - STMicroelectronics STM32L151C6U6ADTR Datasheet HTML 61Page - STMicroelectronics STM32L151C6U6ADTR Datasheet HTML 62Page - STMicroelectronics STM32L151C6U6ADTR Datasheet HTML 63Page - STMicroelectronics STM32L151C6U6ADTR Datasheet HTML 64Page - STMicroelectronics STM32L151C6U6ADTR Datasheet HTML 65Page - STMicroelectronics STM32L151C6U6ADTR Datasheet HTML 66Page - STMicroelectronics STM32L151C6U6ADTR Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 129 page
background image
DocID024330 Rev 4
63/129
STM32L151x6/8/B-A STM32L152x6/8/B-A
Electrical characteristics
105
Table 20. Current consumption in Sleep mode
Symbol Parameter
Conditions
fHCLK
Typ
Max(1)
1. Guaranteed by characterization results, unless otherwise specified.
Unit
IDD
(Sleep)
Supply
current in
Sleep
mode,
Flash OFF
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2
above 16 MHz (PLL
ON)(2)
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register)
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
1 MHz
50
155
µA
2 MHz
78.5
235
4 MHz
140
370(3)
3. Guaranteed by test in production.
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
4 MHz
165
375
8 MHz
310
530
16 MHz
590
1000
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
8 MHz
350
615
16 MHz
680
1200
32 MHz 1600
2350
HSI clock source
(16 MHz)
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
16 MHz
640
970
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
32 MHz 1600
2350
MSI clock, 65 kHz
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
65 kHz
19
60
MSI clock, 524 kHz
524 kHz
33
90
MSI clock, 4.2 MHz
4.2 MHz
145
210
Supply
current in
Sleep
mode,
Flash ON
fHSE = fHCLK up to
16 MHz included,
fHSE = fHCLK/2
above 16 MHz (PLL
ON)(2)
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
1 MHz
60.5
145
µA
2 MHz
89.5
225
4 MHz
150
360
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
4 MHz
180
370
8 MHz
320
490
16 MHz
605
895
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
8 MHz
380
565
16 MHz
695
1070
32 MHz 1600
2200
HSI clock source
(16 MHz)
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
16 MHz
650
970
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
32 MHz 1600
2320
MSI clock, 65 kHz
Range 3,
VCORE=1.2V
VOS[1:0] = 11
65 kHz
29.5
65
MSI clock, 524 kHz
524 kHz
44
80
MSI clock, 4.2 MHz
4.2 MHz
155
220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com