Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151C6U6ADTR Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32L151C6U6ADTR
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C6U6ADTR Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32L151C6U6ADTR Datasheet HTML 65Page - STMicroelectronics STM32L151C6U6ADTR Datasheet HTML 66Page - STMicroelectronics STM32L151C6U6ADTR Datasheet HTML 67Page - STMicroelectronics STM32L151C6U6ADTR Datasheet HTML 68Page - STMicroelectronics STM32L151C6U6ADTR Datasheet HTML 69Page - STMicroelectronics STM32L151C6U6ADTR Datasheet HTML 70Page - STMicroelectronics STM32L151C6U6ADTR Datasheet HTML 71Page - STMicroelectronics STM32L151C6U6ADTR Datasheet HTML 72Page - STMicroelectronics STM32L151C6U6ADTR Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 129 page
background image
DocID024330 Rev 4
69/129
STM32L151x6/8/B-A STM32L152x6/8/B-A
Electrical characteristics
105
Table 25. Peripheral current consumption(1)
Peripheral
Typical consumption, VDD = 3.0 V, TA = 25 °C
Unit
Range 1,
VCORE=
1.8 V
VOS[1:0] = 01
Range 2,
VCORE=
1.5 V
VOS[1:0] = 10
Range 3,
VCORE=
1.2 V
VOS[1:0] = 11
Low-power
sleep and run
APB1
TIM2
11.3
9.0
7.3
9.0
µA/MHz
(fHCLK)
TIM3
11.4
9.1
7.1
9.1
TIM4
11.3
9.0
7.3
9.0
TIM6
3.9
3.1
2.5
3.1
TIM7
4.2
3.3
2.6
3.3
LCD
4.7
3.6
2.9
3.6
WWDG
3.7
2.9
2.4
2.9
SPI2
5.9
4.8
3.9
4.8
USART2
8.1
6.6
5.1
6.6
USART3
7.9
6.4
5.0
6.4
I2C1
7.8
6.1
4.9
6.1
I2C2
7.2
5.7
4.6
5.7
USB
12.7
10.3
8.1
10.3
PWR
3.1
2.4
2.0
2.4
DAC
6.6
5.3
4.3
5.3
COMP
5.3
4.3
3.4
4.3
APB2
SYSCFG & RI
2.2
1.9
1.6
1.9
µA/MHz
(fHCLK)
TIM9
9.1
7.3
5.9
7.3
TIM10
6.0
4.9
3.9
4.9
TIM11
5.8
4.6
3.8
4.6
ADC(2)
8.7
7.0
5.6
7.0
SPI1
4.4
3.4
2.8
3.4
USART1
8.1
6.5
5.2
6.5
AHB
GPIOA
4.4
3.5
2.9
3.5
GPIOB
4.4
3.5
2.9
3.5
GPIOC
3.7
3.0
2.5
3.0
GPIOD
3.6
2.8
2.4
2.8
GPIOE
4.7
3.8
3.1
3.8
GPIOH
3.7
2.9
2.4
2.9
CRC
0.6
0.4
0.4
0.4
FLASH
12.2
10.2
7.8
-(3)
DMA1
12.4
10.1
8.2
10.1
All enabled
160
135
103
124.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com