Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 268 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 268 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 264Page - STMicroelectronics STM32W108HB Datasheet HTML 265Page - STMicroelectronics STM32W108HB Datasheet HTML 266Page - STMicroelectronics STM32W108HB Datasheet HTML 267Page - STMicroelectronics STM32W108HB Datasheet HTML 268Page - STMicroelectronics STM32W108HB Datasheet HTML 269Page - STMicroelectronics STM32W108HB Datasheet HTML 270Page - STMicroelectronics STM32W108HB Datasheet HTML 271Page - STMicroelectronics STM32W108HB Datasheet HTML 272Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 278 page
background image
Ordering information scheme
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
268/278
Doc ID 16252 Rev 14
16
Ordering information scheme
Example:
STM32
W
108
C
B
U
6
x
Device family
STM32 = ARM-based 32-bit microcontroller
Product type
W = wireless system-on-chip
Sub-family
108 = IEEE 802.15.4 specification
Pin count
H = 40 pins
C = 48 pins
Code size
B = 128 Kbytes of Flash memory
C = 256 Kbytes of Flash memory
Z = 192 Kbytes of Flash memory
Package
U = FQFPN
Temperature range
6 = –40 °C to +85 °C
7 = –40 °C to +105 °C
Enabled protocol stack
“Blank” = Development sample platform (1)
1 = Ember ZigBee stack(2)
3 = RF4CE stack
4 = IEEE 802.15.4 media access control
1.
This P/N is under specific ordering conditions. Please refer to your nearest ST sales office.
2.
The Ember ZigBee stack is available on 128 Kbyte devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com