Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 271 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 271 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 267Page - STMicroelectronics STM32W108HB Datasheet HTML 268Page - STMicroelectronics STM32W108HB Datasheet HTML 269Page - STMicroelectronics STM32W108HB Datasheet HTML 270Page - STMicroelectronics STM32W108HB Datasheet HTML 271Page - STMicroelectronics STM32W108HB Datasheet HTML 272Page - STMicroelectronics STM32W108HB Datasheet HTML 273Page - STMicroelectronics STM32W108HB Datasheet HTML 274Page - STMicroelectronics STM32W108HB Datasheet HTML 275Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Revision history
Doc ID 16252 Rev 14
271/278
05-Dec-2011
11
Table 41: ADC gain and offset correction equations : replaced table
with new gain and offset correction values and updated “equation
notes” below table.
Table 120: ADC control register (ADC_CR): added “note” to bit [11].
Table 48: General operating conditions: operating temperature range
max value changed to 105 °C.
Table 53: ESD absolute maximum ratings: updated VESD(HBM) and
VESD(CDM) values and added footnote 3.
Table 64: DC electrical characteristics: updated typ values of each 85
°C condition; added 105 °C condition.
15-Dec-2011
12
Table 53: ESD absolute maximum ratings: changed column title
“ratings” to “parameter”; added footnote 2; updated footnote 3;
removed note for max value of VESD(CDM).
09-Mar-2012
13
Added package UFQFPN48.
03-Sep-2012
14
TERMINOLOGY-RELATED CHANGES
Renamed following registers (and their constituent bits):
INT_SCxFLAG to SCx_ISR (updated bit descriptions)
INT_SCxCFG to SCxIER (updated bit descriptions)
SCx_INTMODE to SCx_ICR (updated bit descriptions)
SCx_MODE to SCx_CR (updated bit descriptions)
SCx_DATA to SCx_DR (updated bit descriptions)
SCx_RATELIN to SCx_CRR1 (updated bit descriptions)
SCx_RATEEXP to SCx_CRR2 (updated bit descriptions)
SCx_SPISTAT to SCx_SPISR (updated bit descriptions)
SCx_SPICFG to SCx_SPICR (updated bit descriptions)
SCx_TWISTAT to SCx_I2CSR (updated bit descriptions)
SCx_TWICTRL1 to SCx_I2CCR1 (updated bit descriptions)
SCx_TWICTRL2 to SCx_I2CCR2 (updated bit descriptions)
SC1_UARTSTAT to SC1_UARTSR (updated bit descriptions)
SC1_UARTCFG to SC1_UARTCR (updated bit descriptions)
SC1_UARTPER to SC1_UARTBRR1
SC1_UARTFRAC to SC1_UARTBRR2 (updated bit descriptions)
SCx_DMASTAT to SCx_DMASR (updated bit descriptions)
SCx_DMACTRL to SCx_DMACR (updated bit descriptions)
SCx_TXBEGA to SCx_DMATXBEGADDAR (updated bit
descriptions)
SCx_TXBEGB to SCx_DMATXBEGADDBR (updated bit
descriptions)
SCx_TXENDA to SCx_DMATXENDADDAR (updated bit
descriptions)
SCx_TXENDB to SCx_DMATXENDADDBR (updated bit
descriptions)
SCx_TXCNT to SCX_DMATXCNTR (updated bit descriptions)
SCx_RXBEGA to SCx_DMARXBEGADDAR (updated bit
descriptions)
SCx_RXBEGAB to SCx_DMARXBEGADDBR (updated bit
descriptions)
SCx_RXENDA to SCx_DMARXENDADDAR (updated bit
descriptions)
Table 73.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com