Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32W108HB Datasheet(PDF) 270 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 270 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 266Page - STMicroelectronics STM32W108HB Datasheet HTML 267Page - STMicroelectronics STM32W108HB Datasheet HTML 268Page - STMicroelectronics STM32W108HB Datasheet HTML 269Page - STMicroelectronics STM32W108HB Datasheet HTML 270Page - STMicroelectronics STM32W108HB Datasheet HTML 271Page - STMicroelectronics STM32W108HB Datasheet HTML 272Page - STMicroelectronics STM32W108HB Datasheet HTML 273Page - STMicroelectronics STM32W108HB Datasheet HTML 274Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 278 page
background image
Revision history
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
270/278
Doc ID 16252 Rev 14
17
Revision history
Table 73.
Document revision history
Date
Revision
Changes
16-Sep-2009
1
Initial release.
21-Sep-2009
2
Modified document status to Preliminary Data.
24-Nov-2009
3
Major revision of Section 1.2: Overview on page 12 and Section 9:
Serial interfaces on page 105.
Added Section 2: Documentation conventions on page 14,
Section 4: Embedded memory on page 27 and Section 7: Integrated
voltage regulator on page 85.
01-Mar-2010
4
Updated Section 11.1.8: Calibration on page 224.
Added notes to Software reset on page 44, Section 9.6.1: Setup and
configuration on page 119 and Section 11: Analog-to-digital
converter on page 218.
Updated parameters and values in Table 48: General operating
conditions on page 242.
22-Sep-2010
5
Added Section 13.1: STM32W108 JTAG TAP connection on
page 239 and Section 6.4.5: Slow timer (MAC timer, Watchdog, and
Sleeptimer) control and status registers on page 60.
Added Total Tx current values for 24 MHz in Table 64: DC electrical
characteristics on page 254 and updated Figure 58: Transmit power
consumption on page 257.
20-Oct-2010
6
Updated Table 56: ADC module key parameters for 1 MHz sampling
and Table 57: ADC module key parameters for input buffer disabled
and 6 MHz sampling.
Added Table 58: ADC module key parameters for input buffer
enabled and 6MHz sampling.
Modified system wakeup time from deep sleep in Table 66: Non-RF
system electrical characteristics.
09-Dec-2010
7
Updated datasheet status to full datasheet.
29-Mar-2011
8
Added INT_SLEEPTMRFLAG, INT_SLEEPTMRCFG,
SLEEPTMR_CLKEN.
27-Jul-2011
9
Update for STM32W108CC and STM32W108CZ
30-Sep-2011
10
Added Note 2 in Section Figure 63.: UFQFPN48 7x7 mm pitch 0.5
package outline.
05-Dec-2011
11
Updated document title
Section 4.2: Flash memory: replaced 1000 with 10k write/erase
cycles.
Section 10.3.10: Timer x capture/compare enable register
(TIMx_CCER): updated names of bits 12, 8, 4, and 0.
Figure 51: ADC block diagram : added footnote1.
Section 11.1.4: Offset/gain correction: Added third bullet point about
the offset/gain corrected value; added HV buffer offset calculation for
STM32W108CC and STM32W108CZ devices.
Table 39: Typical ADC input configurations: added footnote 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com