Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPM32 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STPM32_V01 Datasheet HTML 46Page - STMicroelectronics STPM32_V01 Datasheet HTML 47Page - STMicroelectronics STPM32_V01 Datasheet HTML 48Page - STMicroelectronics STPM32_V01 Datasheet HTML 49Page - STMicroelectronics STPM32_V01 Datasheet HTML 50Page - STMicroelectronics STPM32_V01 Datasheet HTML 51Page - STMicroelectronics STPM32_V01 Datasheet HTML 52Page - STMicroelectronics STPM32_V01 Datasheet HTML 53Page - STMicroelectronics STPM32_V01 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 121 page
background image
Theory of operation
STPM32, STPM33, STPM34
50/121
DS10272 Rev 8
For each power register, a configurable offset value (default = 0) can be added to the
instantaneous power p(n) through OFA[9:0], OFAF[9:0], OFR[9:0], OFAS[9:0] bits in this
way:
Equation 4
8.4.7
RMS calculation
RMS block calculates RMS values of current and voltage on each phase continuously every
128 μs, as soon as a new sample is available from the ADC, according to the following
formulas:
Equation 5
Equation 6
with T = 200 ms.
Power LSB value
Energy LSB value
1. CHVx and CHCx calibrator bits introduce in the signal processing a correction factor of ±12,5% (with an attenuation from
0,75 to 1). In order to have the maximum available up/down correction range, by default calibrator values are in the middle
of their range (0x800) corresponding to an attenuation factor calV = calI = 0,875.
2. ƩΔ bitstream should be kept lower than 0.5 (50%) to minimize modulator distortions.
3. LED_PWM is the LED frequency divider that can be set through LPWx bits in DSP_CR1 and DSP_CR2 control registers
for primary and secondary current channels respectively. Default value is 1. Please refer to Table 36 on page 81.
Table 14. STPM3x basic calculations (continued)
Parameter
Voltage
Current shunt
Current CT
Current Rogowski coil
LSBP
Ppulse
2
29
---------------- DClk
Vref
2
1R1 R2
+

kint AV AI kS calV calI 2
28

------------------------------------------------------------------------------------- W
LSB
------------
=
=
LSBE
Ppulse
2
18
----------------
Vref
2
1R1 R2
+

3600 DClk kint AV AI kS calV calI 2
17

--------------------------------------------------------------------------------------------------------------------------
=
Wh
LSB
------------
=
p
 n

pn

1
–

OFx 9
 OFx 8:0
 2
2
+
=
VRMS
1
T
---
vt

2 t
d
t0
t0 T
+
=
IRMS
1
T
---
it

2 t
d
t0
t0 T
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com