Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPM32 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STPM32_V01 Datasheet HTML 39Page - STMicroelectronics STPM32_V01 Datasheet HTML 40Page - STMicroelectronics STPM32_V01 Datasheet HTML 41Page - STMicroelectronics STPM32_V01 Datasheet HTML 42Page - STMicroelectronics STPM32_V01 Datasheet HTML 43Page - STMicroelectronics STPM32_V01 Datasheet HTML 44Page - STMicroelectronics STPM32_V01 Datasheet HTML 45Page - STMicroelectronics STPM32_V01 Datasheet HTML 46Page - STMicroelectronics STPM32_V01 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 121 page
background image
DS10272 Rev 8
43/121
STPM32, STPM33, STPM34
Theory of operation
121
8.4.1
Active power and energy calculation
The signal chain for the active power, energy calculations and related frequency conversion
are shown in Figure 33. The instantaneous power signal p(t) is generated by multiplying the
current and voltage signals. This value can be compensated by the active power offset
calibration block (OFAx[8:0] in DSP_CR9 and DSP_CR11 registers). DC component of the
instantaneous power signal (average power) is then extracted by LPF (low-pass filter) to
obtain the active power information.
Figure 33. Active power and energy calculation block diagram
The active power is calculated simultaneously and independently for primary and secondary
current channels.
Results of the calculated quantities are stored in the registers as follows:
EP1 = primary current channel active energy PH1 ACTIVE Energy[31:0]
P1 = primary current channel active power PH1 Active Power[28:0]
p1(t) = primary current channel instantaneous active power PH1 Momentary Active
Power[28:0]
EP2 = secondary current channel active energy PH2 Active Energy[31:0]
P2 = secondary current channel active power PH2 Active Power[28:0]
p2(t) = secondary current channel instantaneous active power PH2 Momentary Active
Power[28:0]
Active power measurements have a bandwidth of 3.6 kHz and include the effects of any
harmonic within that range.
8.4.2
Fundamental active power and energy calculation
The signal chain for the fundamental active power, energy calculations and related
frequency conversion are shown in Figure 34. The signal flow is the same as the active
energy wideband, but voltage and current waveforms are filtered to remove all harmonic
components but the first (45 - 65 Hz). Power value can be compensated by the active power
offset calibration block (OFAFx[8:0] in DSP_CR9 and DSP_CR11).
IIPx
IINx
PLNA
VIPx
VINx
HPF
HPF
ROCOIL
INT
BHPFVx
BHPFCx
ROCx
Vx Data [23:0]
Vx[23:0]
Cx[23:0]
bsV
bsC
CHVx [11:0]
CHCx[11:0]
Phase
Compensation
Phase
Compensation
CxData [23:0]
LPF
Offset
Σ
LED
ADC
ADC
OFAx[9:0]
PHxMomentary Active Power[28:0]
PHx Active Power[28:0]
PHx Active Energy[31:0
GIPG1703140852LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com