Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1319569 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1319569
Description  LED enclosure light - PLD E 409 W 350
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1319569 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1319569 Datasheet HTML 1Page - PHOENIX CONTACT 1319569 Datasheet HTML 2Page - PHOENIX CONTACT 1319569 Datasheet HTML 3Page - PHOENIX CONTACT 1319569 Datasheet HTML 4Page - PHOENIX CONTACT 1319569 Datasheet HTML 5Page - PHOENIX CONTACT 1319569 Datasheet HTML 6Page - PHOENIX CONTACT 1319569 Datasheet HTML 7Page - PHOENIX CONTACT 1319569 Datasheet HTML 8Page - PHOENIX CONTACT 1319569 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
LED enclosure light, 24 V AC/DC ... 240 V AC/DC, length: 350 mm, degree of protection: IP20,
can be swiveled (±90° swivel range), including mounting accessories
Product Description
The LED light is designed to illuminate the interior of control cabinets. The prismatic integrated into the light cover ensures optimum illumination of
the control cabinet. You can use magnets or screws to affix the light holder. The light can swivel in the holder. Connect the supply voltage to the
light via Push-in connection. You do not require special connectors for this. You can connect several lights in succession. A button is used to switch
the light on and off.
Your advantages
Series connection reduces cabling effort for control cabinets arranged in series
Optimum lighting of the control cabinet, thanks to integrated prismatics and capacity to swivel
Swiveling enables optimum adjustment to the relevant control cabinet depth
LED service life of 50,000 h (L70 value) prevents bulb replacement
Commercial Data
Item number
1319569
Packing unit
1 pc
Minimum order quantity
1 pc
Sales Key
C22
Product Key
DRL232
GTIN
4063151602888
Weight per Piece (including packing)
226 g
Weight per Piece (excluding packing)
150 g
Customs tariff number
94054231
Country of origin
DE
LED enclosure light - PLD E 409 W 350
1319569
https://www.phoenixcontact.com/us/products/1319569
Nov 16, 2022, 7:15 AM
Page 1 (9)


Similar Part No. - 1319569

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1319564 PHOENIX-1319564 Datasheet
501Kb / 8P
LED enclosure light - PLD E 706 W 395 F
Nov 16, 2022
1319565 PHOENIX-1319565 Datasheet
501Kb / 8P
LED enclosure light - PLD E 706 W 395 E
Nov 16, 2022
More results

Similar Description - 1319569

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702221 PHOENIX-2702221 Datasheet
112Kb / 8P
LED enclosure light - PLD E 400 W 250
2702222 PHOENIX-2702222 Datasheet
112Kb / 8P
LED enclosure light - PLD E 400 W 375
2702223 PHOENIX-2702223 Datasheet
112Kb / 8P
LED enclosure light - PLD E 400 W 500
2702224 PHOENIX-2702224 Datasheet
126Kb / 7P
LED enclosure light - PLD E 608 W 265
2702226 PHOENIX-2702226 Datasheet
116Kb / 7P
LED enclosure light - PLD E 608 W 315/F
2702227 PHOENIX-2702227 Datasheet
122Kb / 6P
LED enclosure light - PLD E 608 W 315/B
2702228 PHOENIX-2702228 Datasheet
116Kb / 6P
LED enclosure light - PLD E 608 W 315/E
1319564 PHOENIX-1319564 Datasheet
501Kb / 8P
LED enclosure light - PLD E 706 W 395 F
Nov 16, 2022
1319565 PHOENIX-1319565 Datasheet
501Kb / 8P
LED enclosure light - PLD E 706 W 395 E
Nov 16, 2022
1319573 PHOENIX-1319573 Datasheet
498Kb / 9P
LED enclosure light - PLD E 409 W 350 MS
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com