Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1319569 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1319569
Description  LED enclosure light - PLD E 409 W 350
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1319569 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1319569 Datasheet HTML 1Page - PHOENIX CONTACT 1319569 Datasheet HTML 2Page - PHOENIX CONTACT 1319569 Datasheet HTML 3Page - PHOENIX CONTACT 1319569 Datasheet HTML 4Page - PHOENIX CONTACT 1319569 Datasheet HTML 5Page - PHOENIX CONTACT 1319569 Datasheet HTML 6Page - PHOENIX CONTACT 1319569 Datasheet HTML 7Page - PHOENIX CONTACT 1319569 Datasheet HTML 8Page - PHOENIX CONTACT 1319569 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Technical Data
Product properties
Product type
Light
Mounting position
any
Application
Control cabinet
Socket
none
Electrical properties
Supply: Module electronics
Connection method
Push-in connection
Number of positions
2
Supply voltage range
24 V AC/DC ... 240 V AC/DC ±5 % (50/60 Hz (AC))
Power consumption
6 W
Connection data
Connection method
Push-in connection
Conductor cross section, rigid
0.13 mm² ... 1.5 mm²
Conductor cross section, flexible
0.13 mm² ... 1.5 mm²
Conductor cross section AWG
24 ... 16
Conductor cross section, flexible, with ferrule, with plastic sleeve
0.5 mm² ... 0.75 mm² (DIN 46228-4)
Conductor cross section flexible, with ferrule without plastic
sleeve
0.5 mm² ... 1.5 mm² (DIN 46228-1)
Stripping length
10 mm
LED signaling
Light properties
Source of light type
LED
Number of LEDs
18
Service life, lighting appliance
50000 h
Color temperature
5000 K
Color rendering index
85
Luminous flux
700 lm (Net luminous flux)
max. 1200 lx (50 cm distance)
Illumination
max. 450 lx (Distance of 1 m)
Ordinance
Delegated Regulation (EU) 2019/2015
Energy efficiency class
D (1 light source)
Note
This product contains an energy efficiency class D light source.
Dimensions
LED enclosure light - PLD E 409 W 350
1319569
https://www.phoenixcontact.com/us/products/1319569
Nov 16, 2022, 7:15 AM
Page 2 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com