Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7720BTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7720BTR
Description  3 band car audio processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7720BTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7720BTR Datasheet HTML 7Page - STMicroelectronics TDA7720BTR Datasheet HTML 8Page - STMicroelectronics TDA7720BTR Datasheet HTML 9Page - STMicroelectronics TDA7720BTR Datasheet HTML 10Page - STMicroelectronics TDA7720BTR Datasheet HTML 11Page - STMicroelectronics TDA7720BTR Datasheet HTML 12Page - STMicroelectronics TDA7720BTR Datasheet HTML 13Page - STMicroelectronics TDA7720BTR Datasheet HTML 14Page - STMicroelectronics TDA7720BTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
DocID024331 Rev 2
11/42
TDA7720B
Electrical specifications
QBASS
Quality factor (3)
Q1
-1-
-
Q2
-1.25-
-
Q3
-1.5
-
-
Q4
-2-
-
CRANGE Control range
(2)
-
141516
dB
ASTEP
Step resolution (2)
-
0.511.5
dB
DCGAIN Bass-DC-gain
DC = off
-1
0
1
dB
DC = on, Gain = ±14 dB
4
4.4
4.6
dB
Middle control
CRANGE Control range
(2)
-
141516
dB
ASTEP
Step resolution (2)
-
0.511.5
dB
Fc
Center frequency (3)
fC1
-500
-
Hz
fC2
-1-
kHz
fC3
-1.5
-
kHz
fC4
-2.5
-
kHz
QMiddle Quality factor
(3)
Q1
-0.75-
-
Q2
-1-
-
Q3
-1.25-
-
Treble control
CRANGE Clipping level
-
13
15
16
dB
ASTEP
Step resolution
-
0.5
1
1.5
dB
Fc
Center frequency (3)
fC1
-10-
kHz
fC2
-12.5-
kHz
fC3
-15-
kHz
fC4
-17.5-
kHz
Speaker attenuators
GMAX
Max. gain (2)
-
141516
dB
AMAX
Max. attenuation (2)
-
-90
-79
-70
dB
ASTEP
Step resolution (2)
-
0.511.5
dB
AMUTE
Mute attenuation
-
80
90
-
dB
EA
Attenuation set error
G = -20 to +15 dB
-0.75
0
0.75
dB
G = -20 to -79 dB
-10
0
10
dB
VDC
DC steps
Adjacent attenuation steps
-5
0.1
5
mV
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com