Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC84SS014FF Datasheet(PDF) 14 Page - Bel Fuse Inc.

Part # BC84SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC84SS014FF Datasheet(HTML) 14 Page - Bel Fuse Inc.

Back Button BC84SS014FF Datasheet HTML 10Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 11Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 12Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 13Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 14Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 15Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 16Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 17Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 18Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
14
RJ11 Modular Cable Assemblies
Bel Part Number
Positions/Contacts
Straight/Reverse
Color
Lengths Available (XXX)
BC-64SSXXXF
6 position 4 contact
Straight
Silver
007 = 7ft
(XXX)
014 = 14ft
(XXX)
025 = 25ft
(XXX)
BC-64RSXXXF
6 position 4 contact
Reverse
Silver
007 = 7ft
(XXX)
014 = 14ft
(XXX)
025 = 25ft
(XXX)
RJ12 Modular Cable Assemblies
Bel Part Number
Positions/Contacts
Straight/Reverse
Color
Lengths Available (XXX)
BC-66SSXXXF
6 position 6 contact
Straight
Silver
007 = 7ft
(XXX)
014 = 14ft
(XXX)
025 = 25ft
(XXX)
BC-66RSXXXF
6 position 6 contact
Reverse
Silver
007 = 7ft
(XXX)
014 = 14ft
(XXX)
025 = 25ft
(XXX)
RJ45 Modular Cable Assemblies
Bel Part Number
Positions/Contacts
Straight/Reverse
Color
Lengths Available (XXX)
BC-88SS007F
8 position 8 contact
Straight
Silver
7ft
BC-88RS007F
8 position 8 contact
Reverse
Silver
7ft
Cable Catalog
Straight and Reverse Modular Cable Assemblies
BC = Cable Assembly Family
4 = 4 Contacts
6 = 6 Contacts
8 = 8 Contacts
F
XXX
BC
6
6 = 6 Position
8 = 8 Position
Position
Part Number
Contacts
S = Straight
R = Reverse
Straight/Reverse
4
F = Feet
UOM
S
007F = 7ft 014F = 14ft 025F = 25ft
Length
S
S = Silver
Color
Description
Bel’s modular cable offering also includes straight and reverse modular cable assemblies. RJ11, RJ12 and RJ45
configurations offer solutions for data and voice applications where high data transmission rates are not required.
Straight through wiring modular cable assemblies are commonly used for connections between modems, fax
machines, or other data applications. Reverse wiring cable assemblies are often used for voice applications. Bel’s
straight and reverse wired modular cable assemblies include 28 AWG conductors and gold-plated contacts to provide
clear transmission.
Straight Wiring Diagram
Reverse Wiring Diagram
Straight Wiring Diagram
Reverse Wiring Diagram
Straight Wiring Diagram
Reverse Wiring Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com