Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BC84SS014FF Datasheet(PDF) 23 Page - Bel Fuse Inc.

Part # BC84SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC84SS014FF Datasheet(HTML) 23 Page - Bel Fuse Inc.

Back Button BC84SS014FF Datasheet HTML 18Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 19Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 20Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 21Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 22Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 23Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 24Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 25Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 26Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
23
Description
Bel’s MPO cables provide a high-density solution featuring a push-pull design for easy mating and removal.
Each are composed of 12 strands of fiber in a single assembly featuring minimized end connectors for multiple
connections while occupying little space. These cables are rated to 40 Gbps and are used to connect equipment
that utilizes MPO style connectors and OM3 10 Gigabit 50/125 multimode cabling. MPO fiber assemblies are often
used for QSFP transceivers, server farms, data centers and other IoT applications.
Part Number
Connector End A
Connector End B
Fiber Rating
Fiber Count
Length
ft
m
MFMF-3ATP010
MPO Female
MPO Female
MM 50/125 OM3
12
3.28ft
1m
MFMF-3ATP030
MPO Female
MPO Female
MM 50/125 OM3
12
9.84ft
3m
MFMF-3ATP050
MPO Female
MPO Female
MM 50/125 OM3
12
16.40ft
5m
MFMF-3ATP100
MPO Female
MPO Female
MM 50/125 OM3
12
32.50ft
10m
MPO Cable Assemblies
Cable Catalog
MF = MPO Female
XX X
MF
MF
Connector End B
Connector End A
Material
Length
3
A
T
Fiber Rating
010M = 1m 030M = 3m 050M = 5m
100M = 10m
P = PVC
Fitting
T = Tight
MF = MPO Female
P
3 = MM 50/125 OM3
Fiber Count
A = 12 Fiber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com