Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS5600 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # FS5600
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5600 Datasheet(HTML) 3 Page - NXP Semiconductors

  FS5600 Datasheet HTML 1Page - NXP Semiconductors FS5600 Datasheet HTML 2Page - NXP Semiconductors FS5600 Datasheet HTML 3Page - NXP Semiconductors FS5600 Datasheet HTML 4Page - NXP Semiconductors FS5600 Datasheet HTML 5Page - NXP Semiconductors FS5600 Datasheet HTML 6Page - NXP Semiconductors FS5600 Datasheet HTML 7Page - NXP Semiconductors FS5600 Datasheet HTML 8Page - NXP Semiconductors FS5600 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
Feature
QM Version
ASIL B Version
Enhanced ASIL B
Version
4 External Voltage Monitors (VMON)
No
Yes
Yes
ERRMON Monitoring (muxed with VMON)
No
Yes
Yes
FCCU Monitoring (muxed with VMON)
No
Yes
Yes
FS0B output
No
Yes
Yes
ABIST
No
Yes
Yes
LBIST
No
No
Yes
I2C CRC
No
Yes
Yes
Table 1. Device options...continued
Part number
Target
market
Safety
grade
OTP ID
SW1
SW2
Package drawing
MFS5600AMMA0ES Automotive QM
A0 – Non-programmed
—
—
SOT617-24(SC)
MFS5600AMBA0ES Automotive ASIL B
A0 – Non-programmed
—
—
SOT617-24(SC)
MFS5600AMEA0ES Automotive Enhanced
ASIL B
A0 – Non-programmed
—
—
SOT617-24(SC)
MFS5600AVMA0EP Industrial
QM
A0 – Non-programmed
—
—
SOT617-24
MFS5600AMMA7ES Automotive QM
https://www.nxp.com/
MFS5600A7ES-OTP-
Report
5.0 V
450 kHz
3.3 V
450 kHz
SOT617-24(SC)
MFS5600AMMA8ES Automotive QM
https://www.nxp.com/
MFS5600A8ES-OTP-
Report
3.3 V
450 kHz
5.0 V
450 kHz
SOT617-24(SC)
Table 2. Ordering information
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
3 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com