Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS5600 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # FS5600
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5600 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button FS5600 Datasheet HTML 6Page - NXP Semiconductors FS5600 Datasheet HTML 7Page - NXP Semiconductors FS5600 Datasheet HTML 8Page - NXP Semiconductors FS5600 Datasheet HTML 9Page - NXP Semiconductors FS5600 Datasheet HTML 10Page - NXP Semiconductors FS5600 Datasheet HTML 11Page - NXP Semiconductors FS5600 Datasheet HTML 12Page - NXP Semiconductors FS5600 Datasheet HTML 13Page - NXP Semiconductors FS5600 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
11 SW1: 36 V Integrated FET DC-DC Converter
SW1 is a 3 A integrated FET DC DC converter. Load currents of up to 3.5 A may be
drawn without entering current limit. Figure 6 shows a high-level block diagram of SW1.
aaa-037154
SW1BOOT
SW1LX
SW1IN
EN1
CONTROL,
DRIVER
AND
LOGIC
Q1
Q2
VCC
SW1FB
PGND
(EPAD)
SW1LX
Figure 6. SW1 high-level block diagram
SW1IN pins provide input power to the MOSFETs, and VCC provides the voltage needed
to drive the MOSFET gates. EN1 controls the enable of the SW1 regulator.
11.1 SW1 electrical specifications
All parameters are specified at Tj = –40 °C to 150 °C, VSW1IN = 6 V to 18 V, Vout = 5 V,
typical external component values, unless otherwise noted. Typical parameters are
specified at VSW1IN = 12 V, Tj = 25 °C unless otherwise noted.
Parameter
Symbol
Min
Typical Max
Units
Output Voltage Accuracy
(PWM mode, SW1IN = 6 V to 18 V, 0 A <= ISW <= Rated A, minimum
2 V headroom, Vout = 1.8 V to 5.5 V using internal resistor divider)
VSW1ACC
–2
—
2
%
Output Voltage Accuracy in Dropout:
(PWM mode, SW1IN = 6 V to (Vout+2 V), 0 A <=ISW <= Rated A, 25C,
Vout <= 5 V, 450 kHz)
VSW1ACCDO -3
—
3
%
Output Voltage Accuracy
(Internal resistor divider, PFM mode, Load = 10 mA)
VSW1ACC
–3
 
—
3
%
Reference accuracy when using external resistor divider
VSW1ACC
0.99
1
1.01
V
Rated load current (PWM mode)
VSW1LOAD
3
—
—
A
Soft-start time (all output voltages)
(Measured from 0 % to 90 % of Vout)
OTP_SW1_SS = 00
OTP_SW1_SS = 01
OTP_SW1_SS = 10
OTP_SW1_SS = 11
tss
—
337
675
1350
2700
500
1000
2000
4000
us
Operating frequency range (selectable via OTP)
SW1FSW
250
—
3000
kHz
Table 8. SW1 electrical specifications
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
10 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com