Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS5600AMMA0ES Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MFS5600AMMA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA0ES Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MFS5600AMMA0ES Datasheet HTML 15Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 16Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 17Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 18Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 19Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 20Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 21Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 22Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
12 SW2: 36 V DC-DC Controller with External FETs
SW2 is an external FET buck controller. Figure 8 shows a high-level block diagram of
SW2. The rated load current of SW2 is dependent on the external components chosen.
With careful selection of the MOSFET, inductor and current sense circuitry, load currents
of up to 15 A can be drawn without entering current limit.
aaa-037155
SWIN
SW2GHS
SW2BOOT
SW2GLS
EN2
SW2CSN
CONTROL,
DRIVER
AND
LOGIC
VCC
SW2FB
SW2LX
SW2CSP
10 µF
4.7 µH
2 x
22 µF
10 mΩ
0.047 µF
Figure 8. SW2 high-level block diagram
12.1 SW2 electrical characteristics
All parameters are specified at Tj = –40 °C to 150 °C, VSW2IN = 6 V to 18 V, Vout = 1.8 V
to 7.2 V, typical external component values, unless otherwise noted. Typical parameters
are specified at VSW2IN = 12 V, Tj = 25 °C unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
Output Voltage Accuracy
(Vout = 1.8 V to 5.5 V, internal resistor divider, PWM mode, Not in
dropout, Vin up to 36 V)
VSW2ACC –3
—
3
%
Output Voltage Accuracy
(Internal resistor divider, PFM mode, Vin = 12 V, Load = 0 A to 10 mA)
VSW2ACC –3
—
3
%
Reference accuracy for external resistor divider
SW2REF
0.98
1.00
1.02
V
Soft start Ramp Slew Rate (Measured at EA input. Multiply by Vout
setting for start up time)
OTP_SW2_SS = 0
OTP_SW2_SS = 1
SW2RAMP —
1
2
—
mV/
µs
Current Limiter-Inductor Peak Current Sense Voltage in CCM in the
forward direction
OTP_SW2_ILIM[1:0] = 00
OTP_SW2_ILIM[1:0] = 01
OTP_SW2_ILIM[1:0] = 10
OTP_SW2_ILIM[1:0] = 11
VSW2
CSLIM
 
 
35
60
96
120
 
 
50
80
120
150
 
 
65
100
144
180
mV
Table 18. SW2 electrical characteristics
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
19 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com