Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS5600AMMA0ES Datasheet(PDF) 25 Page - NXP Semiconductors

Part # MFS5600AMMA0ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA0ES Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button MFS5600AMMA0ES Datasheet HTML 21Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 22Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 23Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 24Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 25Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 26Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 27Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 28Page - NXP Semiconductors MFS5600AMMA0ES Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
OTP_SW2_VOLT[5:0]
SW2 voltage setting (V)
111000
1 (Use External Resistor Divider)
111001
Reserved. Do not use.
111010
Reserved. Do not use.
111011
Reserved. Do not use.
111100
Reserved. Do not use.
111101
Reserved. Do not use.
111110
Reserved. Do not use.
111111
Reserved. Do not use.
Table 22. OTP_SW2_VOLT[5:0] Selection...continued
12.2.3 Pulse skipping operation
At high VIN/VOUT ratio with high switching frequency, the controller may start to skip
pulses to maintain regulation. The minimum on-time of high side FET is programmable
via the OTP_SW2_TON_MIN[1:0] bits.
OTP_SW2_TON_MIN[1:0]
SW2 minimum on-time (ns)
00
45 (recommended for 450 kHz operation)
01
65
10
25 (recommended for 2.2 MHz operation)
11
45
Table 23. OTP_SW2_TON_MIN[1:0] Selection
12.2.4 PFM operation
When the OTP_MODE_SYNCINB bit = 0, the MODE/SYNCIN pin is configured
as a SYNCIN input. In this case, switching mode of SW2 can be selected using
the SW2_MODE[1:0] bits. The default value of SW2_MODE[1:0] is loaded from
OTP_SW2_MODE[1:0].
OTP_SW2_MODE[1:0]
SW2_MODE[1:0]
SW2 operating mode
00
PFM
01
Reserved. Do not use.
10
Reserved. Do not use.
11
PWM
Table 24. SW2_MODE[2:0] selection
When the OTP_MODE_SYNCINB bit = 1, the MODE/SYNCIN pin is configured as
a MODE input that can be used to select the operating mode of SW2 between PWM
(MODE = 0) and PFM (MODE = 1). Do not use the SW2_MODE[1:0] to change the
operating mode to avoid conflicts between the pin and the register bits.
On-time of the pulses in PFM mode is configurable using the OTP_SW2_PFM_TON[1:0]
bits. OTP_SW2_PFM_TON[1:0] = 0b10 offers a good compromise between quiescent
current and the output ripple for most applications.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
25 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com