Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS5600AMMA7ES Datasheet(PDF) 48 Page - NXP Semiconductors

Part # MFS5600AMMA7ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA7ES Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button MFS5600AMMA7ES Datasheet HTML 44Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 45Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 46Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 47Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 48Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 49Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 50Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 51Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
17.6.1 Watchdog impact on PGOOD1/2
When OTP_WD_PGOODx = 1, a watchdog failure causes the PGOODx pin to toggle low
for 10 ms. The watchdog is stopped when PGOODx is low and is reset at the end of the
10 ms.
The FLT_ERR_CNT is incremented by 1 for every PGOODx toggle due to a watchdog
failure.
During the initial 1024 ms window, a single watchdog error (bad refresh or no refresh for
1024ms) is considered a Watchdog failure and the assigned PGOODx pin is toggled.
After the initial 1024 ms window, a 'watchdog failure' when WD_ERR_CNT >=
WD_ERR_LIMIT.
Example behavior: Suppose OTP_WD_PGOODx = 1; if a watchdog error occurs during
the 1024 ms initial period, PGOODx pin is toggled, the FLT_ERR_CNT incremented,
and the watchdog restarted. This allows the system MCU to reset and try refreshing the
watchdog again. If the MCU fails continuously, the FLT_ERR_CNT reaches its limit and
the FS5600 may transition to the deep fail-safe state (if enabled) to prevent a continuous
fault loop. While in the NORMAL STATE, if a watchdog failure occurs (watchdog error
count reaches limit), PGOODx is toggled, FLT_ERR_CNT incremented and the watchdog
restarted. The state machine will return to INIT_RUN state or Deep Fail-Safe based on
the watchdog fault impact settings (independent of PGOODx behavior).
17.7 FS0B pin
The FS0B pin indicates to the system status of the various safety mechanisms being
handled by the FS5600. This includes indication of health of internal circuitry (via ABIST),
a valid watchdog, valid SW1, SW2, VMON1, VMON2, VMON3, and VMON4, valid
ERRMON, valid FCCU, and monitoring of PGOOD1/2.
The FS0B pin is released high in the NORMAL state. It is asserted low in all other states.
The FS0B pin is internally held low when a valid VIN is present with EN1 and EN2 =
Low. It is also asserted low if the VIN pin has a disconnection, provided SW1IN pin is
connected.
FS0B is a global pin, and can be pulled up to VIN if required in the system.
17.7.1 FS0B pin electrical specifications
All parameters are specified at TA = –40 °C to 125 °C, VIN = 12 V, and typical external
component values, unless otherwise noted. Typical values are specified at 25 °C, unless
otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
FS0B_VOH (10 kohm pullup to VDDIO)
FS0B_VOH —
—
VDDIO – 0.5
V
FS0B_VOL(10 kohm pullup to VDDIO)
FS0B_VOL
0.4
—
—
V
Table 46. FS0B pin electrical specifications
17.8 PGOOD1, PGOOD2, FS0B stuck at fault check
PGOOD1, PGOOD2, and FS0B pins are continually monitored by digital to catch 'stuck-
at' faults. The output at these pins is compared to the internal digital command in real
time.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
48 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com