Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS5600AMMA7ES Datasheet(PDF) 50 Page - NXP Semiconductors

Part # MFS5600AMMA7ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA7ES Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button MFS5600AMMA7ES Datasheet HTML 46Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 47Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 48Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 49Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 50Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 51Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 52Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 53Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 111 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
17.9.2 NOT logic registers
To prevent unintended writes to critical registers, a required two-step writing process
must be followed.
1. Write the desired data in the REGISTER
2. Write the NOT value of Step 1 to the corresponding NOT_REGISTER
For example,
• SWx regulator will be enabled if ((SWx_EN = 1 AND NOT_SWx_EN = 0) AND (ENx pin
= HIGH)).
• SWx regulator will be disabled if ((SWx_EN = 0 AND NOT_SWx_EN = 1) OR (ENx pin
= LOW)).
A real-time XOR is performed to ensure that only complimentary register values are
accepted. Refer to Section 18 for list of registers where this feature is applicable.
17.10 I2C Write protection
To prevent unintended writes to critical registers during system NORMAL state, certain
registers may be modified only in the INIT_RUN state. These are:
Register name
Register names (Continued)
FCCU12_BISTABLE
FCCU2_FLT_POL
FCCU1_FLT_POL
NOT_FCCU12_FLT_POL
NOT_FCCU12_BISTABLE
NOT_FCCU2_FLT_POL
NOT_FCCU1_FLT_POL
NOT_SW1_EN
SW1_EN
NOT_SW2_EN
SW2_EN
NOT_FLT_ERR_CNT_LIMIT[1:0]
FLT_ERR_CNT_LIMIT[1:0]
NOT_WD_ERR_LIMIT[1:0]
WD_ERR_LIMIT[1:0]
NOT_WD_RFR_LIMIT[1:0]
WD_RFR_LIMIT[1:0]
NOT_WD_FAIL_IMPACT[1:0]
WD_FAIL_IMPACT[1:0]
CLR_FLT_ERR_CNT
FCCU12_FLT_POL
NOT_CLR_FLT_ERR_CNT
Table 47. List of registers modifiable only during INIT_RUN state
The following registers are protected after the first WD_OK in the INIT_RUN if the
watchdog is enabled. These are:
Register name
Register names (Continued)
FLT_ERR_CNT_LIMIT[1:0]
NOT_FLT_ERR_CNT_LIMIT[1:0]
WD_ERR_LIMIT[1:0]
NOT_WD_ERR_LIMIT[1:0]
WD_RFR_LIMIT[1:0]
NOT_WD_RFR_LIMIT[1:0]
WD_FAIL_IMPACT[1:0]
NOT_WD_FAIL_IMPACT[1:0]
CLR_FLT_ERR_CNT
NOT_CLR_FLT_ERR_CNT
Table 48. INIT_RUN protected registers after first WD_OK if watchdog enabled.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 3 — 2 August 2022
50 / 111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com