Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R1163N Datasheet(PDF) 24 Page - Nisshinbo Micro Devices Inc.

Part # R1163N
Description  3-Mode 150 mA LDO Regulator with the Reverse Current Protection for Automotive Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1163N Datasheet(HTML) 24 Page - Nisshinbo Micro Devices Inc.

Back Button R1163N Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 26Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 27Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 28Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
R1163N
NO.EC-118-190320
24
9) Dropout Voltage vs. Set Output Voltage
R1163x FT Mode
R1163x LP Mode
10) Ripple Rejection vs. Input Bias Voltage
R1163x281x FT Mode
R1163x281x FT Mode
R1162x281x FT Mode
R1162x281x FT Mode
1.5
2.5
2.0
3.5
3.0
4.0
Set Output Voltage VREG(V)
0.00
0.10
0.20
0.40
0.30
0.50
IOUT=10mA
IOUT=30mA
IOUT=50mA
IOUT=100mA
IOUT=150mA
1.5
2.5
2.0
3.5
3.0
4.0
Set Output Voltage VREG(V)
0.00
0.10
0.20
0.40
0.30
0.50
IOUT=10mA
IOUT=30mA
IOUT=50mA
IOUT=100mA
IOUT=150mA
2.9
3.1
3.0
3.2
3.3
Input Voltage VIN(V)
0
20
40
10
30
50
60
70
90
80
f=1kHz
f=10kHz
f=100kHz
CIN=none, COUT=0.47
μF,
IOUT=1mA Ripple=0.2Vp-p
2.9
3.1
3.0
3.2
3.3
Input Voltage VIN(V)
0
20
40
10
30
50
60
70
90
80
CIN=none, COUT=0.47
μF,
IOUT=1mA Ripple=0.5Vp-p
f=1kHz
f=10kHz
f=100kHz
2.9
3.1
3.0
3.2
3.3
Input Voltage VIN(V)
0
20
40
10
30
50
60
70
90
80
CIN=none, COUT=0.47
μF,
IOUT=30mA Ripple=0.2Vp-p
f=1kHz
f=10kHz
f=100kHz
2.9
3.1
3.0
3.2
3.3
Input Voltage VIN(V)
0
20
40
10
30
50
60
70
90
80
CIN=none, COUT=0.47
μF,
IOUT=30mA Ripple=0.5Vp-p
f=1kHz
f=10kHz
f=100kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com