Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R1163N Datasheet(PDF) 30 Page - Nisshinbo Micro Devices Inc.

Part # R1163N
Description  3-Mode 150 mA LDO Regulator with the Reverse Current Protection for Automotive Applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1163N Datasheet(HTML) 30 Page - Nisshinbo Micro Devices Inc.

Back Button R1163N Datasheet HTML 26Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 27Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 28Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 29Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 30Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 31Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 32Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 33Page - Nisshinbo Micro Devices Inc. R1163N Datasheet HTML 34Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
R1163N
NO.EC-118-190320
30
R1163x151x FT Mode
R1163x151x LP Mode
R1163x281x FT Mode
R1163x281x LP Mode
R1163x281x FT Mode
R1163x281x LP Mode
-5
-4
3
1
0
2
-2
-3
-1
-0.5
0.5
0.0
3.5
2.5
1.5
3.0
2.0
1.0
-8
0
16
24
832
-4
12
20
428
Time t(
μs)
VIN=2.5V,
CIN=1
μF COUT=0.47μF IOUT=150mA
Output Voltage
CE Input Voltage
-5
-4
3
1
0
2
-2
-3
-1
-0.5
0.5
0.0
3.5
2.5
1.5
3.0
2.0
1.0
-0.2
0
0.4
0.6
0.2
0.8
-0.1
0.3
0.5
0.1
0.7
Time t(ms)
VIN=2.5V,
CIN=1
μF COUT=0.47μF IOUT=150mA
Output Voltage
CE Input Voltage
-10
-8
6
2
0
4
-4
-6
-2
-1
1
0
7
5
3
6
4
2
-20
0
40
60
20
80
-10
30
50
10
70
Time t(
μs)
VIN=3.8V,
CIN=1
μF COUT=0.47μF IOUT=0mA
Output Voltage
CE Input Voltage
-10
-8
6
2
0
4
-4
-6
-2
-1
1
0
7
5
3
6
4
2
-20
0
40
60
20
80
-10
30
50
10
70
Time t(ms)
VIN=3.8V,
CIN=1
μF COUT=0.47μF IOUT=0mA
Output Voltage
CE Input Voltage
-10
-8
6
2
0
4
-4
-6
-2
-1
1
0
7
5
3
6
4
2
-20
0
40
60
20
80
-10
30
50
10
70
Time t(
μs)
VIN=3.8V,
CIN=1
μF COUT=0.47μF IOUT=30mA
Output Voltage
CE Input Voltage
-10
-8
6
2
0
4
-4
-6
-2
-1
1
0
7
5
3
6
4
2
-0.1
0
0.16
0.24
0.08
0.32
-0
0.12
0.2
0.04
0.28
Time t(ms)
VIN=3.8V,
CIN=1
μF COUT=0.47μF IOUT=30mA
Output Voltage
CE Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com