Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS2214 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS2214
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2214 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS2214 Datasheet HTML 1Page - Advanced Power Technology MS2214 Datasheet HTML 2Page - Advanced Power Technology MS2214 Datasheet HTML 3Page - Advanced Power Technology MS2214 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MS2214
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
(Tcase = 25
°°C)
Symbol
Parameter
Value
Unit
VCC
Collector-Supply Voltage*
40
V
IC
Device Current*
8.0
A
PDISS
Power Dissipation*
300
W
TJ
Junction Temperature
+250
°°C
TSTG
Storage Temperature
- 65 to + 200
°°C
Thermal Data
Thermal Data
RTH(j-c)
Junction-Case Thermal Resistance*
0.75
°°C/W
* Applies only to rated RF operation.
Features
• GOLD METALLIZATION
• EMITTER SITE BALLASTED
• Pout = 85 W MINIMUM
• Gp = 7.5 dB
• OVERLAY GEOMETRY
• METAL/CERAMIC HERMETIC PACKAGE
• LOW THERMAL RESISTANCE
DESCRIPTION:
DESCRIPTION:
The MS2214 is a silicon NPN bipolar transistor designed
for avionics applications with high duty cycle
requirements. Gold metallization and emitter ballasting
provides long term reliability under JTIDS and similar
pulse formats.
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS2214

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS221 ETC2-MS221 Datasheet
233Kb / 2P
Power Film Resistors
logo
Caddock Electronics, In...
MS221 CADDOCK-MS221 Datasheet
400Kb / 2P
Type MS Power Film Resistors
logo
Mitsubishi Electric Sem...
MS221 MITSUBISHI-MS221 Datasheet
130Kb / 2P
DUAL J-FET INPUT OPERATIONAL AMPLIFIERS
logo
Advanced Power Technolo...
MS2210 ADPOW-MS2210 Datasheet
98Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
CIT Relay & Switch
MS2210 CIT-MS2210 Datasheet
125Kb / 1P
CIT SWITCH
More results

Similar Description - MS2214

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com