Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS2214 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS2214
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2214 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS2214 Datasheet HTML 1Page - Advanced Power Technology MS2214 Datasheet HTML 2Page - Advanced Power Technology MS2214 Datasheet HTML 3Page - Advanced Power Technology MS2214 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MS2214
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL
ELECTRICAL SPECIFICATIONS (Tcase = 25
SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 25mA
IE = 0 mA
55
----
----
V
BVCER
IC = 25 mA
RBE = 10
Ω
Ω
55
----
----
V
BVEBO
IE = 10 mA
IC = 0 mA
3.5
----
----
V
ICES
VCE = 35 V
VBE = 0 V
----
----
20
mA
hFE
VCE = 5 V
IC = 2A
20
----
200
----
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 960 - 1215 MHz PIN = 15 W
VCC = 35 V
85
----
----
W
ηηC
f = 960 - 1215 MHz PIN = 15 W
VCC = 35 V
40
----
----
%
GP
f = 960 - 1215 MHz PIN = 15 W
VCC = 35 V
7.5
----
----
dB
Note:
Pulse Format: 6.4
µµS on 6.6 µµS off, repeat for 3.3 ms.
Duty Cycle: Burst 49.2%, overall 20.8%
IMPEDANCE DATA:
IMPEDANCE DATA:
FREQUENCY
Zin
Zcl
960 MHz
3.0 + j5.0
7.0 - j5.0
1090 MHz
5.5 + j5.5
3.7 - j1.8
1215 MHz
5.3 + j4.5
3.0 - j2.5
Pin = 15W
Vcc = 35V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com