Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS2267 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS2267
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2267 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS2267 Datasheet HTML 1Page - Advanced Power Technology MS2267 Datasheet HTML 2Page - Advanced Power Technology MS2267 Datasheet HTML 3Page - Advanced Power Technology MS2267 Datasheet HTML 4Page - Advanced Power Technology MS2267 Datasheet HTML 5Page - Advanced Power Technology MS2267 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MS2267
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 35mA
IE = 0 mA
65
---
---
V
BVEBO
IE = 15mA
IC = 0 mA
4.0
---
---
V
BVCES
IC = 25mA
IB = 0 mA
60
---
---
V
ICES
VBE = 0 V
VCE = 50V
---
---
20
mA
hFE
VCE = 5V
IC = 1A
10
---
---
---
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 960 - 1215MHz
PIN = 40W
VCC = 50V
250
295
---
W
ηη
c
f = 960 - 1215MHz
PIN = 40W
VCC = 50V
38
44
---
%
GP
f = 960 - 1215MHz
PIN = 40W
VCC = 50V
8.0
8.7
---
dB
Conditions:
Pulse width = 20
µµS
Duty Cycle = 5%
TC = 25
°°C
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
960 MHz
1.0 + j3.5
1.9 – j1.8
1090MHz
4.0 + j3.5
1.6 – j0.9
1215MHz
2.2 + j2.2
1.4 – j1.1
PIN = 40W
VCC = 50V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com