Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1300M Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MSC1300M
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MSC1300M Datasheet(HTML) 1 Page - Advanced Power Technology

  MSC1300M Datasheet HTML 1Page - Advanced Power Technology MSC1300M Datasheet HTML 2Page - Advanced Power Technology MSC1300M Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSC1300M
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION
::
THE MS1300M IS A SILICON NPN BIPOLAR DEVICE SPECIFICALLY
DESIGNED FOR IFF AVIOICS APPLICATIONS AT 1090 MHz. THE
MS1300M IS DESIGNED TO WITHSTAND A 20:1 VSWR AT ALL PHASE
ANGLES UNDER FULL LOAD CONDITIONS.
GOLD METALLIZATION AND EMITTER BALLASTING ASSURE HIGH
RELIABILITY UNDER CLASS C AMPLIFIER OPERATION.
AABSOLUTE MAXIMUM RATINGS
BSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
VCC
Collector-Supply Voltage
8
55
V
IC
Device Current
*
18.8
A
PDISS
Power Dissipation
*
625
W
TJ
Junction Temperature (Pulsed RF Operation)
+250
°°C
TSTG
Storage Temperature
-65 to +150
°°C
Thermal Data
Thermal Data
RTH(J-C)
Junction-case Thermal Resistance*
0.20
°°C/W
*Applies only to rated RF Amplifier Operation
Features
• 1090 MHz
• COMMON BASE
• INTERNAL INPUT / OUTPUT MATCHING
• GOLD METALLIZATION
• CLASS C OPERATION
• POUT = 300 W MIN. WITH 6.3 dB GAIN
• RUGGEDIZED VSWR 20:1
• LOW THERMAL RESISTANCE
• METAL / CERAMIC HERMETIC PACKAGE
RF & MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MSC1300M

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MSC1300M ASI-MSC1300M Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - MSC1300M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com