Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1300M Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MSC1300M
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MSC1300M Datasheet(HTML) 2 Page - Advanced Power Technology

  MSC1300M Datasheet HTML 1Page - Advanced Power Technology MSC1300M Datasheet HTML 2Page - Advanced Power Technology MSC1300M Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSC1300M
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRIC
ELECTRICAL SPECIFICATIONS (Tcase = 25
AL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCBO
IC =10mA
IE = 0mA
65
---
---
V
BVEBO
IE = 20mA
IC=0mA
3.5
---
---
V
BVCER
IE= 20mA
RBE= 10
Ω
Ω
553.5
---
---
V
ICES
VCE= 50 V
------
---
25
mA
hFE
VCE = 5 V
IC = 100mA
15
---
120
---
DYNAMIC
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
POUT
f = 1090 MHz
PIN = 70W
VCC = 50V
300
350
---
W
ηη
C
f = 1090 MHz
PIN=70W
VCC=50V
35
42
---
%
GP
f = 1090 MHz
VCE = 20V
IC = 220 mA
6.3
6.7
---
dB
Pulse width = 10
µs
Duty cycle = 1 %



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com