Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APTGF90TA60P Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTGF90TA60P
Description  Triple phase leg NPT IGBT Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF90TA60P Datasheet(HTML) 1 Page - Advanced Power Technology

  APTGF90TA60P Datasheet HTML 1Page - Advanced Power Technology APTGF90TA60P Datasheet HTML 2Page - Advanced Power Technology APTGF90TA60P Datasheet HTML 3Page - Advanced Power Technology APTGF90TA60P Datasheet HTML 4Page - Advanced Power Technology APTGF90TA60P Datasheet HTML 5Page - Advanced Power Technology APTGF90TA60P Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTGF90TA60P
APT website – http://www.advancedpower.com
1 - 6
Application
•
Welding converters
•
Switched Mode Power Supplies
•
Uninterruptible Power Supplies
•
Motor control
Features
•
Non Punch Through (NPT) THUNDERBOLT IGBT®
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 100 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
Avalanche energy rated
-
RBSOA and SCSOA rated
•
Kelvin emitter for easy drive
•
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
•
High level of integration
Benefits
•
Outstanding performance at high frequency
operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Solderable terminals both for power and signal for
easy PCB mounting
•
Very low (12mm) profile
•
Easy paralleling due to positive TC of VCEsat
•
Each leg can be easily paralleled to achieve a phase
leg of three times the current capability
•
Module can be configured as a three phase bridge
•
Module can be configured as a boost followed by a
full bridge
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
VBUS1
VBUS2
VBUS3
W
E6
0/VBUS3
V
G6
E5
0/VBUS1
G2
E1
E2
0/VBUS2
U
E3
E4
G4
G1
G3
G5
G5
G6
E6
E5
G3
VBUS 2
VBUS 3
G4
E4
W
V
E3
0/VBUS 3
0/VBUS 2
G1
VBUS 1
U
E2
G2
0/VBUS 1
E1
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
600
V
Tc = 25°C
110
IC
Continuous Collector Current
Tc = 80°C
90
ICM
Pulsed Collector Current
Tc = 25°C
315
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
Tc = 25°C
416
W
RBSOA
Reverse Bias Safe Operating Area
Tj = 150°C
315A @ 600V
VCES = 600V
IC = 90A @ Tc = 80°C
Triple phase leg
NPT IGBT Power Module


Similar Part No. - APTGF90TA60P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF90TA60PG MICROSEMI-APTGF90TA60PG Datasheet
288Kb / 6P
Triple phase leg NPT IGBT Power Module
More results

Similar Description - APTGF90TA60P

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF100A120T ADPOW-APTGF100A120T Datasheet
299Kb / 6P
Phase leg NPT IGBT Power Module
APTGF50TA120P ADPOW-APTGF50TA120P Datasheet
319Kb / 6P
Triple phase leg NPT IGBT Power Module
logo
Microsemi Corporation
APTGF50TA120PG MICROSEMI-APTGF50TA120PG Datasheet
286Kb / 6P
Triple phase leg NPT IGBT Power Module
APTGF90A60TG MICROSEMI-APTGF90A60TG Datasheet
288Kb / 6P
Phase leg NPT IGBT Power Module
APTGF90TA60PG MICROSEMI-APTGF90TA60PG Datasheet
288Kb / 6P
Triple phase leg NPT IGBT Power Module
APTGF350A60G MICROSEMI-APTGF350A60G Datasheet
275Kb / 6P
Phase leg NPT IGBT Power Module
APTGF15A120T1G MICROSEMI-APTGF15A120T1G Datasheet
321Kb / 6P
Phase leg NPT IGBT Power Module
APTGF50A120T3WG MICROSEMI-APTGF50A120T3WG Datasheet
248Kb / 7P
Phase leg NPT IGBT Power Module
APTGF100A120T3WG MICROSEMI-APTGF100A120T3WG Datasheet
205Kb / 5P
Phase leg NPT IGBT Power Module
APTGF200A120D3G MICROSEMI-APTGF200A120D3G Datasheet
218Kb / 5P
Phase leg NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com