Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APTGF90TA60P Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APTGF90TA60P
Description  Triple phase leg NPT IGBT Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF90TA60P Datasheet(HTML) 4 Page - Advanced Power Technology

  APTGF90TA60P Datasheet HTML 1Page - Advanced Power Technology APTGF90TA60P Datasheet HTML 2Page - Advanced Power Technology APTGF90TA60P Datasheet HTML 3Page - Advanced Power Technology APTGF90TA60P Datasheet HTML 4Page - Advanced Power Technology APTGF90TA60P Datasheet HTML 5Page - Advanced Power Technology APTGF90TA60P Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APTGF90TA60P
APT website – http://www.advancedpower.com
4 - 6
Typical Performance Curve
Output characteristics (VGE=15V)
Tc=-55°C
Tc=25°C
Tc=125°C
0
50
100
150
200
250
300
350
01234
VCE, Collector to Emitter Voltage (V)
250µs Pulse Test
< 0.5% Duty cycle
Output Characteristics (VGE=10V)
Tc=-55°C
Tc=25°C
Tc=125°C
0
50
100
150
200
250
300
01
23
4
VCE, Collector to Emitter Voltage (V)
250µs Pulse Test
< 0.5% Duty cycle
Transfer Characteristics
TJ=-55°C
TJ=25°C
TJ=125°C
0
50
100
150
200
250
300
01
23456789
10
VGE, Gate to Emitter Voltage (V)
250µs Pulse Test
< 0.5% Duty cycle
Ic=180A
Ic=90A
Ic=45A
0
1
2
3
4
5
6
7
8
6
8
10
12
14
16
VGE, Gate to Emitter Voltage (V)
On state Voltage vs Gate to Emitter Volt.
TJ = 25°C
250µs Pulse Test
< 0.5% Duty cycle
Ic=180A
Ic=90A
Ic=45A
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
-25
0
255075
100
125
TJ, Junction Temperature (°C)
On state Voltage vs Junction Temperature
250µs Pulse Test
< 0.5% Duty cycle
VGE = 15V
0.70
0.80
0.90
1.00
1.10
1.20
-50-25
0
25
50
75100 125
TJ, Junction Temperature (°C)
Breakdown Voltage vs Junction Temp.
0
20
40
60
80
100
120
140
160
-50 -25
0
25
50
75
100 125 150
TC, Case Temperature (°C)
DC Collector Current vs Case Temperature
Gate Charge
VCE=120V
VCE=300V
VCE=480V
0
2
4
6
8
10
12
14
16
18
0
50
100
150
200
250
300
350
Gate Charge (nC)
IC = 90A
TJ = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com