Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL78840ASRHD Datasheet(PDF) 12 Page - Intersil Corporation

Part # ISL78840ASRHD
Description  Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78840ASRHD Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ISL78840ASRHD Datasheet HTML 8Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 9Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 10Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 11Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 12Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 13Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 14Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 15Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ISL78840ASxH, ISL78841ASxH, ISL78843ASxH, ISL78845ASxH, ISL738840ASEH, ISL738841ASEH, ISL738843ASEH, ISL738845ASEH
FN7952 Rev.4.00
Page 12 of 18
Feb 25, 2020
The COMP pin is clamped to the voltage on capacitor C1 plus a
base-emitter junction by transistor Q1. C1 is charged from VREF
through resistor R1 and the base current of Q1. At power-up C1 is
fully discharged, COMP is at ~0.7V, and the duty cycle is zero. As
C1 charges, the voltage on COMP increases and the duty cycle
increases in proportion to the voltage on C1. When COMP
reaches the steady state operating point, the control loop takes
over and soft-start is complete. C1 continues to charge up to
VREF and no longer affects COMP. During power-down, diode D1
quickly discharges C1 so that the soft-start circuit is properly
initialized prior to the next power-on sequence.
Gate Drive
The ISL7884xASxH and ISL73884xASEH devices are capable of
sourcing and sinking 1A peak current. To limit the peak current
through the IC, an optional external resistor may be placed
between the totem-pole output of the IC (OUT pin) and the gate of
the MOSFET. This small series resistor also damps any
oscillations caused by the resonant tank of the parasitic
inductances in the traces of the board and the FETs input
capacitance. TID environment of >50krads requires the use of a
bleeder resistor of 10k from the OUT pin to GND.
Slope Compensation
For applications where the maximum duty cycle is less than 50%,
slope compensation may be used to improve noise immunity,
particularly at lighter loads. The amount of slope compensation
required for noise immunity is determined empirically, but is
generally about 10% of the full scale current feedback signal. For
applications where the duty cycle is greater than 50%, slope
compensation is required to prevent instability.
Slope compensation may be accomplished by summing an
external ramp with the current feedback signal or by subtracting
the external ramp from the voltage feedback error signal. Adding
the external ramp to the current feedback signal is the more
popular method.
From the small signal current-mode model [1] it can be shown
that the naturally-sampled modulator gain, Fm, without slope
compensation is calculated in Equation 6:
where Sn is the slope of the sawtooth signal and tSW is the
duration of the half-cycle. When an external ramp is added, the
modulator gain becomes Equation 7:
where Se is slope of the external ramp and becomes Equation 8:
The criteria for determining the correct amount of external ramp
can be determined by appropriately setting the damping factor of
the double-pole located at the switching frequency. The
double-pole will be critically damped if the Q-factor is set to 1,
over-damped for Q < 1 and under-damped for Q > 1. An
under-damped condition may result in current loop instability.
where D is the percent of on-time during a switching cycle.
Setting Q = 1 and solving for Se yields Equation 10:
Because Sn and Se are the on-time slopes of the current ramp
and the external ramp, respectively, they can be multiplied by tON
to obtain the voltage change that occurs during tON.
where Vn is the change in the current feedback signal (I) during
the on-time and Ve is the voltage that must be added by the
external ramp.
For a flyback converter, Vn can be solved in terms of input
voltage, current transducer components and primary inductance,
yielding Equation 12:
where RCS is the current sense resistor, tSW is the switching
period, Lp is the primary inductance, VIN is the minimum input
voltage and D is the maximum duty cycle.
The current sense signal at the end of the ON time for CCM
operation is Equation 13:
where VCS is the voltage across the current sense resistor, Ls is
the secondary winding inductance and IO is the output current at
current limit. Equation 13 assumes the voltage drop across the
output rectifier is negligible.
Because the peak current limit threshold is 1.00V, the total
current feedback signal plus the external ramp voltage must sum
to this value when the output load is at the current limit threshold
as shown in Equation 14:
Substituting Equations 12 and 13 into Equation 14 and solving
for RCS yields Equation 15:
Fm
1
SntSW
------------------
=
(EQ. 6)
Fm
1
Sn Se
+
tsw
-----------------------------------
1
mcSntSW
--------------------------
==
(EQ. 7)
mc
1
Se
Sn
-------
+
=
(EQ. 8)
Q
1
 m
c 1D
–
 0.5
–

-------------------------------------------------
=
(EQ. 9)
Se
Sn
1
--- 0.5
+

 1
1D
–
------------- 1
–


=
(EQ. 10)
Ve
Vn
1
--- 0.5
+

 1
1D
–
------------- 1
–


=
(EQ. 11)
Ve
Dt
SW VIN RCS

Lp
-------------------------------------------------- 1
--- 0.5
+

 1
1D
–
------------- 1
–


=
V
(EQ. 12)
VCS
NS RCS
NP
------------------------ IO
1D
–
 V
O t

sw
2Ls
--------------------------------------------
+



=
V
(EQ. 13)
Ve VCS
+
1V
=
(EQ. 14)
RCS
1
DTsw VIN

Lp
---------------------------------
1
--- 0.5
+
1D
–
------------------ 1
–




Ns
Np
-------
IO
1D
–
 V
O tsw

2Ls
--------------------------------------------
+



+
-------------------------------------------------------------------------------------------------------------------------------------------------------
=
(EQ. 15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com