Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL78840ASRHD Datasheet(PDF) 17 Page - Intersil Corporation

Part # ISL78840ASRHD
Description  Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78840ASRHD Datasheet(HTML) 17 Page - Intersil Corporation

Back Button ISL78840ASRHD Datasheet HTML 10Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 11Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 12Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 13Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 14Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 15Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 16Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 17Page - Intersil Corporation ISL78840ASRHD Datasheet HTML 18Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
ISL78840ASxH, ISL78841ASxH, ISL78843ASxH, ISL78845ASxH, ISL738840ASEH, ISL738841ASEH, ISL738843ASEH, ISL738845ASEH
FN7952 Rev.4.00
Page 17 of 18
Feb 25, 2020
NOTES:
12. Index area: A notch or a pin one identification mark shall be located
adjacent to pin one and shall be located within the shaded area
shown. The manufacturer’s identification shall not be used as a pin
one identification mark.
13. The maximum limits of lead dimensions b and c or M shall be
measured at the centroid of the finished lead surfaces, when solder
dip or tin plate lead finish is applied.
14. Dimensions b1 and c1 apply to lead base metal only. Dimension M
applies to lead plating and finish thickness.
15. Corner leads (1, N, N/2 and N/2+1) may be configured with a partial
lead paddle. For this configuration dimension b3 replaces dimension
b2.
16. Dimension Q shall be measured from the seating plane to the base
plane.
17. Measure dimension S1 at all four corners.
18. Measure dimension S2 from the top of the ceramic body to the
nearest metallization or lead.
19. N is the maximum number of terminal positions.
20. Braze fillets shall be concave.
21. Dimensioning and tolerancing per ANSI Y14.5M - 1982.
22. Controlling dimension: INCH.
bbb
C A - B
S
c
Q
L
A
SEATING
BASE
D
PLANE
PLANE
S
S
-D-
-A-
-C-
eA
-B-
aaa
CA - B
M
D
S
S
ccc
CA - B
M
D
S
S
D
E
S1
b2
b
A
e
M
c1
b1
(c)
(b)
SECTION A-A
BASE
LEAD FINISH
METAL
eA/2
S2
M
A
D8.3 MIL-STD-1835 CDIP2-T8 (D-4, CONFIGURATION C)
8 LEAD CERAMIC DUAL-IN-LINE METAL SEAL PACKAGE (SBDIP)
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A-
0.200
-
5.08
-
b
0.014
0.026
0.36
0.66
2
b1
0.014
0.023
0.36
0.58
3
b2
0.045
0.065
1.14
1.65
-
b3
0.023
0.045
0.58
1.14
4
c
0.008
0.018
0.20
0.46
2
c1
0.008
0.015
0.20
0.38
3
D-
0.405
-
10.29
-
E
0.220
0.310
5.59
7.87
-
e
0.100 BSC
2.54 BSC
-
eA
0.300 BSC
7.62 BSC
-
eA/2
0.150 BSC
3.81 BSC
-
L
0.125
0.200
3.18
5.08
-
Q
0.015
0.060
0.38
1.52
5
S1
0.005
-
0.13
-6
S2
0.005
-
0.13
-7
a90o
105o
90o
105o
-
aaa
-
0.015
-
0.38
-
bbb
-
0.030
-
0.76
-
ccc
-
0.010
-
0.25
-
M-
0.0015
-
0.038
2
N8
8
8
Rev. 0 4/94
For the most recent package outline drawing, see D8.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com