Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL78840ASRHD/PROTO Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL78840ASRHD/PROTO
Description  Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78840ASRHD/PROTO Datasheet(HTML) 3 Page - Intersil Corporation

  ISL78840ASRHD/PROTO Datasheet HTML 1Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 2Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 3Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 4Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 5Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 6Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 7Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 8Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ISL78840ASxH, ISL78841ASxH, ISL78843ASxH, ISL78845ASxH, ISL738840ASEH, ISL738841ASEH, ISL738843ASEH, ISL738845ASEH
FN7952 Rev.4.00
Page 3 of 18
Feb 25, 2020
5962R0724904QXC
ISL78845ASRHQF
HDR to 100krad(Si)
-55 to +125
8 Ld Flatpack
K8.A
5962R0724904VXC
ISL78845ASRHVF
-55 to +125
8 Ld Flatpack
K8.A
N/A
ISL78845ASRHD/PROTO (Note 4)
N/A
-55 to +125
8 Ld SBDIP
D8.3
5962R0724904QPC
ISL78845ASRHQD
HDR to 100krad(Si)
-55 to +125
8 Ld SBDIP
D8.3
5962R0724904VPC
ISL78845ASRHVD
-55 to +125
8 Ld SBDIP
D8.3
5962L0724909VXC
ISL738840ASEHVF
LDR to 50krad(Si)
-55 to +125
8 Ld Flatpack
K8.A
5962L0724909VPC
ISL738840ASEHVD
-55 to +125
8 Ld Flatpack
K8.A
5962L0724909V9A
ISL738840ASEHVX (Note 3)
-55 to +125
Die
N/A
ISL738840ASEHF/PROTO (Note 4)
N/A
-55 to +125
8 Ld Flatpack
K8.A
N/A
ISL738840ASEHD/PROTO (Note 4)
N/A
-55 to +125
8 Ld Flatpack
K8.A
N/A
ISL738840ASEHX/SMPL (Notes 3, 4)
N/A
-55 to +125
Die
5962L0724910VXC
ISL738841ASEHVF
LDR to 50krad(Si)
-55 to +125
8 Ld Flatpack
K8.A
5962L0724910VPC
ISL738841ASEHVD
-55 to +125
8 Ld Flatpack
K8.A
5962L0724910V9A
ISL738841ASEHVX (Note 3)
-55 to +125
Die
N/A
ISL738841ASEHF/PROTO (Note 4)
N/A
-55 to +125
8 Ld Flatpack
K8.A
N/A
ISL738841ASEHD/PROTO (Note 4)
N/A
-55 to +125
8 Ld Flatpack
K8.A
N/A
ISL738841ASEHX/SMPL (Notes 3, 4)
N/A
-55 to +125
Die
5962L0724911VXC
ISL738843ASEHVF
LDR to 50krad(Si)
-55 to +125
8 Ld Flatpack
K8.A
5962L0724911VPC
ISL738843ASEHVD
-55 to +125
8 Ld Flatpack
K8.A
5962L0724911V9A
ISL738843ASEHVX (Note 3)
-55 to +125
Die
N/A
ISL738843ASEHF/PROTO (Note 4)
N/A
-55 to +125
8 Ld Flatpack
K8.A
N/A
ISL738843ASEHD/PROTO (Note 4)
N/A
-55 to +125
8 Ld Flatpack
K8.A
N/A
ISL738843ASEHX/SMPL (Notes 3, 4)
N/A
-55 to +125
8 Ld Flatpack
K8.A
5962L0724912VXC
ISL738845ASEHVF
LDR to 50krad(Si)
-55 to +125
8 Ld Flatpack
K8.A
5962L0724912VPC
ISL738845ASEHVD
-55 to +125
8 Ld Flatpack
K8.A
5962L0724912V9A
ISL738845ASEHVX (Note 3)
-55 to +125
Die
N/A
ISL738845ASEHF/PROTO (Note 4)
N/A
-55 to +125
8 Ld Flatpack
K8.A
N/A
ISL738845ASEHD/PROTO (Note 4)
N/A
-55 to +125
8 Ld Flatpack
K8.A
N/A
ISL738845ASEHX/SMPL (Notes 3, 4)
N/A
-55 to +125
Die
NOTES:
1. These Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb
and Pb-free soldering operations.
2. Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed must be
used when ordering.
3. Die product tested at TA = + 25°C. The wafer probe test includes functional and parametric testing sufficient to make the die capable of meeting the
electrical performance outlined in “Electrical Specifications” on page 9.
4. The /PROTO and /SAMPLE are not rated or certified for Total Ionizing Dose (TID) or Single Event Effect (SEE) immunity. These parts are intended for
engineering evaluation purposes only. The /PROTO parts meet the electrical limits and conditions across temperature specified in the DLA SMD and
are in the same form and fit as the qualified device. The /SAMPLE parts are capable of meeting the electrical limits and conditions specified in the
DLA SMD. The /SAMPLE parts do not receive 100% screening across temperature to the DLA SMD electrical limits. These part types do not come
with a Certificate of Conformance because they are not DLA qualified devices.
Ordering Information (Continued)
ORDERING NUMBER
(Note 1)
PART NUMBER
(Note 2)
RADIATION HARDNESS
(Total Ionizing Dose)
TEMP. RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com