Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL78840ASRHD/PROTO Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL78840ASRHD/PROTO
Description  Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78840ASRHD/PROTO Datasheet(HTML) 1 Page - Intersil Corporation

  ISL78840ASRHD/PROTO Datasheet HTML 1Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 2Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 3Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 4Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 5Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 6Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 7Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 8Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FN7952 Rev.4.00
Page 1 of 18
Feb 25, 2020
FN7952
Rev.4.00
Feb 25, 2020
ISL78840ASxH, ISL78841ASxH, ISL78843ASxH, ISL78845ASxH, ISL738840ASEH,
ISL738841ASEH, ISL738843ASEH, ISL738845ASEH
Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
DATASHEET
The ISL78840ASEH, ISL78841ASEH, ISL78843ASEH,
ISL78845ASEH, ISL78840ASRH, ISL78841ASRH,
ISL78843ASRH, ISL78845ASRH, ISL738840ASEH,
ISL738841ASEH, ISL738843ASEH, ISL738845ASEH are high
performance, radiation hardened drop-in replacements for the
popular 28C4x and 18C4x PWM controllers suitable for a wide
range of power conversion applications including boost,
flyback, and isolated output configurations. Fast signal
propagation and output switching characteristics make these
ideal products for existing and new designs.
Features include up to 13.2V operation, low operating current,
90µA typical start-up current, adjustable operating frequency
to 1MHz and high peak current drive capability with 50ns rise
and fall times.
Applications
• Current mode switching power supplies
• Isolated buck and flyback regulators
• Boost regulators
• Direction and speed control in motors
• Control of high current FET drivers
Related Literature
For a full list of related documents, visit our website:
• ISL78840ASEH, ISL78841ASEH, ISL78843ASEH,
ISL78845ASEH, ISL78840ASRH, ISL78841ASRH,
ISL78843ASRH, ISL78845ASRH, ISL738840ASEH,
ISL738841ASEH, ISL738843ASEH, and ISL738845ASEH
device pages
Features
• Electrically screened to DLA SMD #5962-07249
• QML qualified per MIL-PRF-38535 requirements
• 1A MOSFET gate driver
• 90µA typical start-up current, 125µA maximum
• 35ns propagation delay current sense to output
• Fast transient response with peak current-mode control
• 9V to 13.2V operation
• Adjustable switching frequency to 1MHz
• 50ns rise and fall times with 1nF output load
• Trimmed timing capacitor discharge current for accurate
dead time/maximum duty cycle control
• 1.5MHz bandwidth error amplifier
• Tight tolerance voltage reference over line, load, and
temperature
• ±3% current limit threshold
• Pb-free available (RoHS compliant)
• Radiation acceptance testing - ISL7884xASEH
- HDR (50-300rad(Si)/s): 100krad(Si)
- LDR (0.01rad(Si)/s): 50krad(Si)
• Radiation acceptance testing - ISL7884xASRH
- HDR (50-300rad(Si)/s): 100krad(Si)
• Radiation acceptance testing - ISL73884xASEH
- LDR (0.01rad(Si)/s): 50krad(Si)
TABLE 1. KEY DIFFERENCES BETWEEN FAMILY OF PARTS
PART NUMBER
RISING UVLO
(V)
MAXIMUM DUTY CYCLE
(%)
ISL78840ASxH
7.0
100
ISL78841ASxH
7.0
50
ISL78843ASxH
8.4
100
ISL78845ASxH
8.4
50
ISL738840ASEH
7.0
100
ISL738841ASEH
7.0
50
ISL738843ASEH
8.4
100
ISL738845ASEH
8.4
50


Similar Part No. - ISL78840ASRHD/PROTO

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78840ASRHD RENESAS-ISL78840ASRHD Datasheet
951Kb / 19P
Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
Feb 13, 2025
More results

Similar Description - ISL78840ASRHD/PROTO

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8843 INTERSIL-ISL8843 Datasheet
305Kb / 12P
Industry Standard Single-Ended Current Mode PWM Controller
October 19, 2005
ISL8840A INTERSIL-ISL8840A Datasheet
302Kb / 15P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
April 18, 2007
ISL8840AMBEPZ INTERSIL-ISL8840AMBEPZ Datasheet
231Kb / 10P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
September 29, 2008
ISL78840ASRH INTERSIL-ISL78840ASRH Datasheet
653Kb / 11P
Radiation Hardened, High Performance IndustryStandard Single-Ended Current Mode PWM Controller
ISL78840ASRH INTERSIL-ISL78840ASRH_10 Datasheet
766Kb / 15P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
ISL78840ASEH INTERSIL-ISL78840ASEH Datasheet
810Kb / 15P
Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
May 29, 2012
ISL8843 INTERSIL-ISL8843 Datasheet
341Kb / 13P
Industry Standard Single-Ended Current Mode PWM Controller
September 14, 2015
ISL8840AABZ INTERSIL-ISL8840AABZ Datasheet
309Kb / 15P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
April 18, 2007
ISL8840AMZ INTERSIL-ISL8840AMZ Datasheet
229Kb / 10P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
December 1, 2011
logo
Renesas Technology Corp
ISL8840A RENESAS-ISL8840A Datasheet
716Kb / 15P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com