Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDALC6V1M3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDALC6V1M3
Description  Dual low capacitance TRANSIL??array for ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1M3 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDALC6V1M3 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
June 2006
Rev 3
1/8
ESDALC6V1M3
Dual low capacitance TRANSIL™ array for ESD protection
Main product applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as:
■ Computers
■ Printers
■ Communication systems
■ Cellular phone handsets and accessories
■ Video equipment
Features
■ 2 unidirectional low capacitance TRANSIL
diodes
■ Breakdown Voltage VBR = 6.1 V min
■ Low diode capacitance (11 pF typ at 0 V)
■ Low leakage current < 0.5 µA
■ Very small PCB area: 0.6 mm²
■ RoHS compliant
Description
The ESDALC6V1M3 is a monolithic array
designed to protect 1 line or 2 lines against ESD
transients.
The device is ideal for applications where both
reduced line capacitance and board space saving
are required.
Benefits
■ High ESD protection level
■ High integration
■ Suitable for high density boards
TRANSIL is a trademark of STMicroelectronics
Configuration
Order code
Complies with the following standards
Part number
Marking
ESDALC6V1M3
K
IEC61000-4-2 level 4:
15 kV (air discharge)
8 kV (contact discharge)
MIL STD 883E-Method 3015-7: class 3
HBM (Human Body Model)
SOT 883
(JEDEC MO-236AA Compliant)
GND
GND
3
1
2
2
I/O2
GND
I/O1
GND
3
2
2
1
Underside view
www.st.com


Similar Part No. - ESDALC6V1M3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1M3 STMICROELECTRONICS-ESDALC6V1M3 Datasheet
334Kb / 7P
Dual low capacitance Transil array for ESD protection
January 2006
ESDALC6V1M3 STMICROELECTRONICS-ESDALC6V1M3_08 Datasheet
334Kb / 7P
Dual low capacitance Transil array for ESD protection
January 2006
More results

Similar Description - ESDALC6V1M3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAXXL STMICROELECTRONICS-ESDAXXL Datasheet
60Kb / 6P
DUAL TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
ESDALC6V1P6 STMICROELECTRONICS-ESDALC6V1P6 Datasheet
160Kb / 10P
QUAD LOW CAPACITANCE TRANSIL TM ARRAY FOR ESD PROTECTION
02-Nov-2005
ESDALC6V1P5 STMICROELECTRONICS-ESDALC6V1P5 Datasheet
53Kb / 5P
QUAD LOW CAPACITANCE TRANSIL ARRAY FOR ESD PROTECTION
Feb-2004
logo
Leshan Radio Company
LESDAXXXLT1G LRC-LESDAXXXLT1G Datasheet
619Kb / 7P
Dual transil array for ESD protection
logo
STMicroelectronics
ESDALC6V1C2 STMICROELECTRONICS-ESDALC6V1C2 Datasheet
88Kb / 7P
Quad low capacitance TRANSIL array for ESD protection
07-Aug-2006
ESDALC6V1F2 STMICROELECTRONICS-ESDALC6V1F2 Datasheet
88Kb / 7P
Quad low capacitance Transil array for ESD protection
11-Jul-2007
ESDALC6V1M3 STMICROELECTRONICS-ESDALC6V1M3_08 Datasheet
334Kb / 7P
Dual low capacitance Transil array for ESD protection
January 2006
logo
Leshan Radio Company
LESDA25VLT1G LRC-LESDA25VLT1G Datasheet
729Kb / 7P
Dual transil array for ESD protection
LESD6V8T1G LRC-LESD6V8T1G Datasheet
481Kb / 3P
Dual transil array for ESD protection
logo
STMicroelectronics
ESDALC14V2-2BP5 STMICROELECTRONICS-ESDALC14V2-2BP5 Datasheet
69Kb / 6P
Low capacitance TRANSIL™ array for ESD protection
08-Dec-2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com