Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDALC6V1M3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDALC6V1M3
Description  Dual low capacitance TRANSIL??array for ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6V1M3 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDALC6V1M3 Datasheet HTML 1Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 2Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 3Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 4Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 5Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 6Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 7Page - STMicroelectronics ESDALC6V1M3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Ordering information scheme
ESDALC6V1M3
4/8
2
Ordering information scheme
Figure 7.
Clamping voltage versus peak
pulse current (typical values)
Figure 8.
Forward voltage drop versus peak
forward current (typical values)
0.1
1.0
10.0
100.0
0
1020
3040
50
60
70
IPP(A)
VCL(V)
8/20 µs
Tjinitial =25 °C
1.E-03
1.E-02
1.E-01
1.E+00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IFM(A)
V(V)
T
j =125°C
T =25°C
j
Figure 9.
Junction capacitance versus
reverse voltage applied (typical
values)
Figure 10.
Relative variation of leakage
current versus junction
temperature (typical values)
0
1
2
3
4
5
6
7
8
9
10
11
12
01
234
56
C(pF)
F=1 MHz
VOSC = 30 mVRMS
Tj = 25 °C
VLINE (V)
VR = 3V
1
10
100
25
50
75
100
125
IR[Tj] /IR[Tj=25 °C]
T
j(°C)
ESDA LC 6V1
M3
ESD Array
Low Capacitance
Package
M3 = SOT883
Breakdown Voltage
6V1 = 6.1 Volts min



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com