Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APM3055LU Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APM3055LU
Description  N-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM3055LU Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APM3055LU Datasheet HTML 1Page - Anpec Electronics Coropration APM3055LU Datasheet HTML 2Page - Anpec Electronics Coropration APM3055LU Datasheet HTML 3Page - Anpec Electronics Coropration APM3055LU Datasheet HTML 4Page - Anpec Electronics Coropration APM3055LU Datasheet HTML 5Page - Anpec Electronics Coropration APM3055LU Datasheet HTML 6Page - Anpec Electronics Coropration APM3055LU Datasheet HTML 7Page - Anpec Electronics Coropration APM3055LU Datasheet HTML 8Page - Anpec Electronics Coropration APM3055LU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
N-Channel Enhancement Mode MOSFET
Copyright
© ANPEC Electronics Corp.
Rev. B.3 - Oct., 2005
APM3055LU
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Pin Description
Ordering and Marking Information
Features
Applications
• Power Management in Desktop Computer or
DC/DC Converters
• 30V/20A,
R
DS(ON)=75mΩ (typ.) @ VGS=10V
R
DS(ON)=100mΩ (typ.) @ VGS=4.5V
• Super High Dense Cell Design
• Reliable and Rugged
• Lead Free Available (RoHS Compliant)
APM3055L
Handling Code
Temp. Range
Package Code
Package Code
U : TO-252
Operating Junction Temp. Range
C : -55 to 150 C
Handling Code
TU : Tube
TR : Tape & Reel
Lead Free Code
L : Lead Free Device Blank : Original Device
APM3055L U :
APM3055L
XXXXX
XXXXX - Date Code
Lead Free Code
N-Channel MOSFET
Top View of TO-252
G
D
S
G
S
D
Note: ANPEC lead -free products contain mo lding compoun ds and 100% matte tin plate termination fin ish;
wh ic h are fu lly c omplian t with RoHS and c omp atible with bo th Sn Pb an d lead-free soldiering op erations.
ANPEC lead-free p roducts meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL
classification at lead-free peak reflow temperature.
°


Similar Part No. - APM3055LU

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
APM3055LUC-TRL VBSEMI-APM3055LUC-TRL Datasheet
1,020Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
Anpec Electronics Corop...
APM3055LUV ANPEC-APM3055LUV Datasheet
259Kb / 9P
N-Channel Enhancement Mode MOSFET
APM3055LUV-CTR ANPEC-APM3055LUV-CTR Datasheet
259Kb / 9P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - APM3055LU

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com