Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APM3055LU Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APM3055LU
Description  N-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM3055LU Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM3055LU Datasheet HTML 1Page - Anpec Electronics Coropration APM3055LU Datasheet HTML 2Page - Anpec Electronics Coropration APM3055LU Datasheet HTML 3Page - Anpec Electronics Coropration APM3055LU Datasheet HTML 4Page - Anpec Electronics Coropration APM3055LU Datasheet HTML 5Page - Anpec Electronics Coropration APM3055LU Datasheet HTML 6Page - Anpec Electronics Coropration APM3055LU Datasheet HTML 7Page - Anpec Electronics Coropration APM3055LU Datasheet HTML 8Page - Anpec Electronics Coropration APM3055LU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.3 - Oct., 2005
APM3055LU
www.anpec.com.tw
3
Electrical Characteristics (T
A = 25°C unless otherwise noted)
APM3055LU
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage VGS=0V, IDS=250µA
30
V
VDS=24V, VGS=0V
1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
30
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250µA
1
1.5
2
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
±100
nA
VGS=10V, IDS=12A
75
100
RDS(ON)
a
Drain-Source On-state Resistance
VGS=4.5V, IDS=6A
100
200
m
Ω
Diode Characteristics
VSD
a
Diode Forward Voltage
ISD=6A, VGS=0V
0.7
1.3
V
Dynamic Characteristics
b
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
2.6
Ω
Ciss
Input Capacitance
230
Coss
Output Capacitance
60
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=15V,
Frequency=1.0MHz
30
pF
td(ON)
Turn-on Delay Time
4
7
Tr
Turn-on Rise Time
11
22
td(OFF)
Turn-off Delay Time
15
21
Tf
Turn-off Fall Time
VDD=15V, RL=15Ω,
IDS=1A, VGEN=10V,
RG=6Ω
3
5
ns
Gate Charge Characteristics
b
Qg
Total Gate Charge
6.2
8.5
Qgs
Gate-Source Charge
1.2
Qgd
Gate-Drain Charge
VDS=15V, VGS=10V,
IDS=12A
1.2
nC
Notes:
a : Pulse test ; pulse width
≤300
µs, duty cycle≤2%.
b : Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com