Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6CBE33085 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # PI6CBE33085
Description  Low-Power 8-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CBE33085 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button PI6CBE33085 Datasheet HTML 9Page - Diodes Incorporated PI6CBE33085 Datasheet HTML 10Page - Diodes Incorporated PI6CBE33085 Datasheet HTML 11Page - Diodes Incorporated PI6CBE33085 Datasheet HTML 12Page - Diodes Incorporated PI6CBE33085 Datasheet HTML 13Page - Diodes Incorporated PI6CBE33085 Datasheet HTML 14Page - Diodes Incorporated PI6CBE33085 Datasheet HTML 15Page - Diodes Incorporated PI6CBE33085 Datasheet HTML 16Page - Diodes Incorporated PI6CBE33085 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
13
A Product Line of
Diodes Incorporated
PI6CBE33085
www.diodes.com
June 2022
Diodes Incorporated
PI6CBE33085
Document Number DS43625 Rev 2-2
Symbol
Parameters
Condition
Min.
Typ.
Max.
Spec
Limit Units
tjPHPLL_
QPI_UPI
Integrated Phase Jitter PLL
Mode (RMS)(1,5)
QPI and UPI, 100M or 133.33MHz,
4.8Gbps, 6.4Gbps 12UI
—
0.16
—
0.5
ps
QPI and UPI, 100MHz, 8.0Gbps, 12UI
—
0.1
—
0.3
ps
QPI and UPI, 100MHz, <11.4Gbps,
12UI
—
0.08
—
0.2
ps
tjPH_QPI_
UPI
Fanout Buffer Mode
Additive Integrated Phase
Jitter (RMS)(1,5,10)
QPI and UPI, 100M or 133.33MHz,
4.8Gbps, 6.4Gbps 12UI
—
0.03
—
—
ps (p-p)
QPI and UPI, 100MHz, 8.0Gbps, 12UI
—
0.03
—
—
ps
QPI and UPI, 100MHz, <11.4Gbps,
12UI
—
0.02
—
—
ps
tjPH_IFUPI
PLL Mode IF-UPI phase
jitter
Low bandwidth
—
0.1
—
—
ps
High bandwidth
—
0.17
—
—
ps
Fanout Buffer Mode IF-
UPI phase jitter
—
0.06
—
—
ps
tjPH_
DB2000Q
Fanout Buffer Mode
DB2000Q phase jitter
—
28
—
—
fs
Note:
1. Guaranteed by design and characterization—not 100% tested in production.
2. Measured from differential waveform.
3. Slew rate is measured through the Vswing voltage range centered around differential 0V, within ±150mV window.
4. Slew rate matching is measured through ±75mV window centered around differential zero.
5. See http://www.pcisig.com for complete specs.
6. Sample size of at least 100k cycles. This can be extrapolated to 108ps pk-pk @ 1M cycles for a BER of 10-12.
7. Duty cycle distortion is the difference in duty cycle between the output and input clock when the device is operated in the PLL bypass mode.
8. The Min and Max values of each BW setting track each other, low BW max will never occur with high BW min.
9. Applies to all differential outputs.
10. For additive jitter RMS value is calculated by the following equation = SQRT [(total jitter)*2 - (input jitter)*2].
11. PCIe 5.0 v0.9 specification.
HCSL Output AC Characteristics (Jitter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com