Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6CBE33085 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # PI6CBE33085
Description  Low-Power 8-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CBE33085 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button PI6CBE33085 Datasheet HTML 14Page - Diodes Incorporated PI6CBE33085 Datasheet HTML 15Page - Diodes Incorporated PI6CBE33085 Datasheet HTML 16Page - Diodes Incorporated PI6CBE33085 Datasheet HTML 17Page - Diodes Incorporated PI6CBE33085 Datasheet HTML 18Page - Diodes Incorporated PI6CBE33085 Datasheet HTML 19Page - Diodes Incorporated PI6CBE33085 Datasheet HTML 20Page - Diodes Incorporated PI6CBE33085 Datasheet HTML 21Page - Diodes Incorporated PI6CBE33085 Datasheet HTML 22Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
21
A Product Line of
Diodes Incorporated
PI6CBE33085
www.diodes.com
June 2022
Diodes Incorporated
PI6CBE33085
Document Number DS43625 Rev 2-2
Ordering Code
Package
Code
Package Description
Temperature
Pin 1
Orientation
PI6CBE33085ZLIEX
ZL
48-Contact, Very Thin Quad Flat No-Lead (TQFN)
-40~85oC
Top Right Corner
PI6CBE33085ZLIEX-13R
ZL
48-Contact, Very Thin Quad Flat No-Lead (TQFN)
-40~85oC
Top Left Corner
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- andAntimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.
4. I = Industrial
5. E = Pb-free and Green
6. X suffix = Tape/Reel
7. For packaging detail, go to our website at: https://www.diodes.com/assets/MediaList-Attachments/Diodes-Package-Information.pdf
Ordering Information
Pin 1 Orientation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com