Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSTCR6M29G55B-R0 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd

Part # CSTCR6M29G55B-R0
Description  Ceramic Resonators/Crystal Units/MEMS Resonators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTCR6M29G55B-R0 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd

Back Button CSTCR6M29G55B-R0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Document No. JGC42-8813
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 8/19
10-4 はんだ耐熱
Resistance to
Soldering Heat
(1)リフロー方式
(1)Re-flow
Soldering
製品単品状態でリフロー炉(ピーク温度
260±5℃、
1.0±0.5 秒、その他条件は 13-4-2 項を参照)に 2
回通した後、室温に取り出し、
24 時間放置した後、
測定します。試験方法は
IEC60068-2-58 に準拠し
ます。
Component shall be measured after 2 times
re-flow
soldering
and
leaving
at
room
temperature for 24 hours. For soldering profile,
refer to item 13-4-2 (Peak temperature is
260±5°C for 1.0±0.5s). Testing procedure is in
accordance with IEC60068-2-58.
表
1及び5-5を満足しま
す。
The measured values
shall meet Table 1
and Item 5-5.
(2)コテ付け方式
(2)Soldering
with iron
PCB上にて温度+350±5℃で5.0±0.5秒間はんだ付
けを行い、室温に
24時間放置した後、測定します。
但し、はんだこて先は電極部に直接接触しない事とし
ます。試験方法 は
IEC60068-2-58に準拠します。
(
13-4-3項を参照)
Component shall be measured after soldering on
PCB at +350±5°C for 5.0±0.5s and leaving at
room temperature for 24 hours. The soldering
iron shall not touch the component while
soldering. Testing procedure is accordance with
IEC60068-2-58. (Refer to item 13-4-3)
外観に異常がなく、表
1
及び
5-5を満足します。
No visible damage
and
the
measured
values
shall
meet
Table 1 and item 5-5.
(3)はんだディップ
方式
(3)Solder Dip
製品端子部を
+260±5゚Cの溶融はんだ中に10±1
秒間浸した後、室温に取り出し、
24時間放置した後、
測定します。試験方法は
JESD22-B106に準拠しま
す。
The terminals of component shall be immersed in
a soldering bath at +260±10゚C for 10±1s by on-
ly to level to cover. Component shall be meas-
ured after leaving at room temperature for 24
hours. Testing procedure is in accordance with
JESD22-B106.
表
1及び5-5を満足しま
す。
The measured values
shall meet Table 1
and Item 5-5.
10-5 はんだ付性
Solderability
無鉛はんだ
(Sn-3.0Ag-0.5Cu)
PCT装置にて温度+105℃、湿度100%R.H.の条件
で、
4時間のエージングをし、端子部分をロジンメタノ
ール液に
5秒浸した後、+245
±5℃の溶融はんだ中
に
3
±0.5秒間浸します。試験方法はIEC60068-2-58
に準拠します。
Lead free solder (Sn-3.0Ag-0.5Cu)
After being kept in pressure cooker at +105°C
and 100%R.H. for 4 hours, and being placed in a
rosin-methanol for 5s, the terminals of component
shall be immersed in a soldering bath at
+245±5°C for 3±0.5s. Testing procedure is ac-
cordance with IEC60068-2-58.
端子の
90%以上にはん
だが付着します。
The solder shall coat
at least over ninety
(90) % of the terminal
surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com