Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSTCR6M29G55B-R0 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd

Part # CSTCR6M29G55B-R0
Description  Ceramic Resonators/Crystal Units/MEMS Resonators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTCR6M29G55B-R0 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd

Back Button CSTCR6M29G55B-R0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd CSTCR6M29G55B-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Document No. JGC42-8813
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 9/19
10-6 固着強度
Terminal
Strength
R0.5 の引っかき治具を使用して、矢印の 方 向 に
17.6Nの静荷重を加えて60秒間保持します。試験方
法は
AEC-Q200 REV Dに準拠します。
Component shall be soldered on the test PCB.
Then a static load of 17.6N using a R 0.5 scratch
tool shall be applied on the core of the
component and in the direction of the arrow and
held for 60s.Testing procedure is in accordance
with AEC-Q200 REV D.
表
1 及び 5-5 を満足し
ます。
The measured values
shall meet Table 1
and Item 5-5.
10-7 耐洗浄性
Washability
表2に示します。
See Table 2.
外観に異常がなく、表
1
及び
5-5を満足します。
No visible damage
and
the
measured
values shall meet Ta-
ble 1 and 5-5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com