Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP1513 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1513
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1513 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1513 Datasheet HTML 1Page - Diodes Incorporated AP1513 Datasheet HTML 2Page - Diodes Incorporated AP1513 Datasheet HTML 3Page - Diodes Incorporated AP1513 Datasheet HTML 4Page - Diodes Incorporated AP1513 Datasheet HTML 5Page - Diodes Incorporated AP1513 Datasheet HTML 6Page - Diodes Incorporated AP1513 Datasheet HTML 7Page - Diodes Incorporated AP1513 Datasheet HTML 8Page - Diodes Incorporated AP1513 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP1513
Document number: DS31053 Rev. 5 - 2
4 of 9
www.diodes.com
December 2017
© Diodes Incorporated
AP1513
Performance Characteristics
AP1513 Vin vs. Frequency
(Vout=3.3V; Iout=0.2A)
310
315
320
325
330
335
340
345
350
0
2
4
6
8
10
12
14
16
18
20
Vin (V)
AP1513 Vin vs. FB
(Vout=3.3V; Iout=0.2A)
0.74
0.75
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
0
2
4
6
8
10
12
14
16
18
20
Vin (V)
AP1513 Line Regulation
(Vout=3.3V; Iout=0.2A)
3.10
3.15
3.20
3.25
3.30
3.35
3.40
0
2
4
6
8
10 12 14 16 18 20
Vin (V)
AP1513 Load Regulation
(Vin=12V)
5.00
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
5.09
5.10
0.0
0.5
1.0
1.5
2.0
2.5
Iout (A)
AP1513 Efficiency
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
Iout (A)
Vout:5.0V
Vout:3.3V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com