Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP1513 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1513
Description  PWM CONTROL 2A STEP-DOWN CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1513 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1513 Datasheet HTML 1Page - Diodes Incorporated AP1513 Datasheet HTML 2Page - Diodes Incorporated AP1513 Datasheet HTML 3Page - Diodes Incorporated AP1513 Datasheet HTML 4Page - Diodes Incorporated AP1513 Datasheet HTML 5Page - Diodes Incorporated AP1513 Datasheet HTML 6Page - Diodes Incorporated AP1513 Datasheet HTML 7Page - Diodes Incorporated AP1513 Datasheet HTML 8Page - Diodes Incorporated AP1513 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP1513
Document number: DS31053 Rev. 5 - 2
2 of 9
www.diodes.com
December 2017
© Diodes Incorporated
AP1513
Pin Descriptions
Pin Number
Pin Name
Description
1
FB
Feedback pin
2
EN
Power-off pin
H: Normal operation
(Step-down operation)
L: Step-down operation stopped
(All circuits deactivated)
3
OCSET
Add an external resistor to set max output current
4
VCC
IC power supply pin
5, 6
Output
Switch Pin. Connect external inductor/diode here. Minimize trace area at this pin to reduce EMI
7, 8
VSS
GND Pin
Functional Block Diagram
Oscillation
Circuit
Reference Voltage Source
PWM-Switched
Control Circuit
+
-
Vss
V
EN
EN
100uA
OCSET
FB
Vcc
Thermal
Shutdown
Output
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
VCC Pin Voltage
VSS - 0.3 to VSS + 20
V
VFB
FB Pin Voltage
VSS - 0.3 to VCC
V
VEN
EN Pin Voltage
VSS - 0.3 to VIN + 0.3
V
VOUT
Output Pin Voltage
VSS - 0.3 to VIN + 0.3
V
PD
Power Dissipation
Internally Limited
mW
TJ
Operating Junction Temperature Range
-40 to +125
°C
TST
Storage Temperature Range
-40 to +150
°C
Caution:
The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be exceeded
under any conditions.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com