Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NP-8E-9-R102G-E Datasheet(PDF) 3 Page - C&K Components

Part # NP-8E-9-R102G-E
Description  Sealed Industrial Pushbutton Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

NP-8E-9-R102G-E Datasheet(HTML) 3 Page - C&K Components

  NP-8E-9-R102G-E Datasheet HTML 1Page - C&K Components NP-8E-9-R102G-E Datasheet HTML 2Page - C&K Components NP-8E-9-R102G-E Datasheet HTML 3Page - C&K Components NP-8E-9-R102G-E Datasheet HTML 4Page - C&K Components NP-8E-9-R102G-E Datasheet HTML 5Page - C&K Components NP-8E-9-R102G-E Datasheet HTML 6Page - C&K Components NP-8E-9-R102G-E Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1.50
[0.059]
9.55
[0.376]
15.40 TYP
[0.606]
0.50
[0.020]
MAX
11.35
[0.447]
TANGENT
TO FLAT
15.75
[0.620]
0.40 TYP
[0.016]
2X 3.05
[0.120]
2X 2.20
[0.087]
7.50
[0.295]
N.C.
7.50
[0.295]
N.O.
2.00
[0.079]
TYP
1.02
[0.040]
11.90
[0.469]
24.70REF
[0.972]
9.50
[0.374]
0.40TYP
[0.016]
2.60TYP
[0.102]
11.90
[0.469]
6.60
[0.260]
65.0°
4.50
[0.177]
0.70 TYP
[0.028]
17.70 TYP
[0.697]
27.20REF
[1.071]
2.70TYP
[0.106]
4.90
[0.19]
2X65.0°
2X 1.67
REF
[0.066]
2X 3.58
REF
[0.141]
7.90
[0.311]
4X 0.90
[0.035]
11.65
[0.459]
12.3
[0.484]
15/32-32 UNS-2A
PC TERMINALS
PC HOLE PATTERN
BOARD VIEW
N.C.
N.C.
N.O.
N.O.
PANEL CUTOUT
10.80
[0.425]
ACROSS FLATS
7.50
[0.295]
7.50
[0.295]
13.95
[0.549]
0.50
[0.020]
MAX
1.00
[0.039]
11.30 TYP
[0.445]
0.40TYP
[0.016]
2.00
[0.079]
TYP
20.10REF
[0.791]
9.00
[0.354]
11.90
[0.469]
6.60
[0.260]
0.40 TYP
[0.016]
2.60 TYP
[0.102]
65°
5.39
[0.212]
4.50
[0.177]
13.60 TYP
[0.54]
0.70 TYP
[0.028]
2.70 TYP
[0.106]
22.60REF
[0.890]
2X65.0°
7.90
[0.311]
4X 0.90
[0.035]
2X 1.67
REF
[0.066]
2X 3.58
REF
[0.141]
12.30
[0.484]
11.00
[0.433]
15/32-32 UNS-2A
2
1
4
3
N.O.
(3 & 4)
SCALE 9:1
N.C.
(1 & 2)
SCALE 9:1
EPOXY SEALED
PC TERMINALS
PC HOLE PATTERN
BOARD VIEW
N.C.
N.O.
N.C.
N.O.
PANEL CUTOUT
NP Series
Sealed Industrial Pushbutton Switch
HOUSING STYLE
T STANDARD THREADED MOUNT
Third Angle
Projection
L LONG THREADED MOUNT
4 May 20
A-120
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ckswitches.com
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com