Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NP-8E-9-R102G-E Datasheet(PDF) 4 Page - C&K Components

Part # NP-8E-9-R102G-E
Description  Sealed Industrial Pushbutton Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

NP-8E-9-R102G-E Datasheet(HTML) 4 Page - C&K Components

  NP-8E-9-R102G-E Datasheet HTML 1Page - C&K Components NP-8E-9-R102G-E Datasheet HTML 2Page - C&K Components NP-8E-9-R102G-E Datasheet HTML 3Page - C&K Components NP-8E-9-R102G-E Datasheet HTML 4Page - C&K Components NP-8E-9-R102G-E Datasheet HTML 5Page - C&K Components NP-8E-9-R102G-E Datasheet HTML 6Page - C&K Components NP-8E-9-R102G-E Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A-121
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ckswitches.com
A
4 May 20
NP Series
Sealed Industrial Pushbutton Switch
HOUSING STYLE
65.0°
7.90
[0.311]
0.90
[0.035]
2X 1.67
[0.066]
REF
2X 1.67
[0.066]
REF
11.65
[0.459]
12.30
[0.484]
2X 2.20
[0.087]
2X 3.05
[0.120]
1.02
[0.040]
0.40 TYP
[0.016]
1.50
[0.059]
0.50
[0.020]
MAX
11.35
[0.447]
TANGENT
TO FLAT
7.50
[0.295]
N.C.
7.50
[0.295]
N.O.
2.00 TYP
[0.079]
20.10REF
[0.791]
2.60
[0.102]
0.40
[0.016]
11.90
[0.469]
6.60
[0.260]
9.50
[0.374]
10.80
[0.43]
4.89
[0.192]
65.0°
15.75
[0.620]
11.90
[0.469]
4.50
[0.177]
0.70 TYP
[0.028]
22.60REF
[0.890]
2.70
[0.106]
13.10
[0.516]
4.90
[0.193]
15/32-32 UNS-2A
PC TERMINALS
PANEL CUTOUT
N.C.
N.C.
N.O.
N.O.
PC HOLE PATTERN
BOARD VIEW
H SHORT THREADED MOUNT
11.90
[0.469]
1.50
[0.059]
11.90
[0.469]
3.40
[0.134]
4.40
[0.173]
10.80 TYP
[0.425]
0.40 TYP
[0.016]
7.50
[0.295]
N.O.
7.50
[0.295]
N.C.
15.85
[0.624]
11.90
[0.469]
ACROSS FLATS
2.00TYP
[0.079]
20.10REF
[0.791]
9.50
[0.374]
6.60
[0.260]
0.40TYP
[0.016]
2.60TYP
[0.102]
65°
4.50
[0.177]
0.70 TYP
[0.028]
13.10 TYP
[0.516]
22.60REF
[0.890]
4.90TYP
[0.193]
2.70TYP
[0.106]
7.90
[0.311]
2X 1.67
REF
[0.066]
2X 3.58
REF
[0.141]
4X 0.90
[0.035]
2X65.0°
PC TERMINALS
PC HOLE PATTERN
BOARD VIEW
N.C.
N.C.
N.O.
N.O.
S SLOT MOUNT
Third Angle
Projection



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com