Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1504 Datasheet(PDF) 12 Page - ams AG

Part # AS1504
Description  Octal 8-Bit Programmable Low-Power DACs with Shutdown and Mid-Scale Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1504 Datasheet(HTML) 12 Page - ams AG

Back Button AS1504 Datasheet HTML 8Page - ams AG AS1504 Datasheet HTML 9Page - ams AG AS1504 Datasheet HTML 10Page - ams AG AS1504 Datasheet HTML 11Page - ams AG AS1504 Datasheet HTML 12Page - ams AG AS1504 Datasheet HTML 13Page - ams AG AS1504 Datasheet HTML 14Page - ams AG AS1504 Datasheet HTML 15Page - ams AG AS1504 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
www.austriamicrosystems.com
Revision 1.0
12 - 17
AS1504, AS1505
austriamicrosystems
Data Sheet
Supply Bypassing
9 Application Information
Supply Bypassing
The AS1504/AS1505 require a well-filtered power source. In most applications, the AS1504/AS1505 should be pow-
ered directly from the system power supply (+3 to +5V). However, if the logic supply is a switch-mode design, it will
probably generate noise in the 20kHz to 1MHz range. Additionally, fast logic gates can generate transients hundred of
millivolts in amplitude from wiring resistance and inductance.
The circuit shown in Figure 18 isolates the analog section from any logic switching transients. Even if a separate power
supply trace is not available, adequate supply bypassing will reduce supply-line induced errors. Local supply bypass-
ing consisting of a 10µF tantalum electrolytic capacitor in parallel with a 0.1µF ceramic capacitor is recommended (see
Figure 19).
Figure 18. Power Supply Traces
Figure 19. Recommended Supply Bypassing
Output Buffering
For most designs, the nominal 5k
Ω output impedance of the AS1504/AS1505 is sufficient to drive succeeding circuitry.
If a lower output impedance is required, an external amplifier can be added (see Figure 20 on page 13).
A single amplifier should be used as a simple buffer to reduce the output resistance of DAC1. An amplifier with low off-
set voltage, low supply current, and operation at less than 3V is recommended due to its rail-to-rail input and output
operation. DAC2 and DAC3 are configured in a summing arrangement where DAC3 provides the coarse output volt-
age setting and DAC2 is used for fine adjustments.
The use of R1 in series with DAC2 (see Figure 20 on page 13)attenuates its contribution to the voltage sum node at the
output of DAC3.
0.1µF
CMOS/TTL
Logic Circuits
+5V Power
Supply
10µF
Tantalum
AS1504/
AS1505
+
0.1µF
10µF
Tantalum
AS1504/
AS1505
+
+5V
16
VDD
8
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com